Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8140ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL8140ACPZN-R7
Description  10 GHz to 18 GHz Low Noise Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8140ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL8140ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet
ADL8140
USING RBIAS AS A FAST ENABLE AND DISABLE FUNCTION
analog.com
Rev. 0 | 16 of 18
The RBIAS pin can be used as a fast enable and disable control
input. In Figure 51, a single-pole, double throw (SPDT) switch is
used to switch the voltage on the RBIAS resistor between 0 V and 2
V. When the voltage on the RBIAS pin is equal to 0 V, IDQ reduces
to less than 1 mA with POUT at 0 dBm. The response time of the
ADL8140's output envelope is shown in Figure 52. The ringing on
the response trace is caused by interconnecting wires between the
ADG719 and ADL8140 circuit boards used in the measurement.
Note that because ADG719 has a minimum supply voltage of 1.8 V,
the supply voltage for ADG719 and ADL8140 is set to 2 V.
Figure 51. Fast Enable and Disable Using a 0 V to 2.0 V Pulse on the RBIAS
Resistor
Figure 52. On and Off Response of the ADL8140 RF Output Envelope When
the IN Pin of the ADG719 Is Pulsed, POUT = 5 dBm at 12 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com