Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8140ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL8140ACPZN-R7
Description  10 GHz to 18 GHz Low Noise Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8140ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL8140ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
ADL8140
RECOMMENDED POWER MANAGEMENT CIRCUIT
analog.com
Rev. 0 | 17 of 18
Figure 53 shows a recommended power management circuit that
uses the LT3083 low dropout (LDO) regulator. The LT3083 output
load current is supplied to the IN pin of the LT3083. Power for
the on-board control circuitry is applied to the VCONTROL pin of the
LT3083. A voltage that is at least 1.4 V higher than the output volt-
age must be applied to the VCONTROL pin. In Figure 53, VCONTROL
has been set to 5 V but could be set as low as 2.9 V for a 1.5 V
output voltage. The current into the CONTROL pin is typically 1.7 %
of the total output current.
The LT3083 can provide up to 3 A of load current. Assuming
that the ADL8140 is being used in a phased array application, a
single LT3083 can easily provide bus power for all of the ADL8140
devices in a 64-element array. A dropout voltage of 500 mV is
assumed based on a load current of 3 A. If the required load current
is lower, the voltage on the IN pin of LT3083 can be reduced to
improve efficiency. For example, for a load current of 1 A, the
dropout voltage drops to a worst case value of 160 mV.
For applications that require a lower dropout voltage, LT3033 can
be used. For a 3 A load, the worst case dropout voltage for the
LT3033 is 240 mV
Table 11 provides recommended resistor values to set the other
output voltages. In each case, the minimum input voltage (VIN)
voltage is specified based on a 3 A load and a 500 mV dropout
voltage.
Table 11. Recommended Resistor Values for the Various LDO Output Voltages
LDO VOUT (V)
R2 (kΩ)
Minimum VDD (V)
1.2
24.3
1.7
1.5
30.1
2.0
2.0
40.2
2.5
2.5
49.9
3.0
3.0
60.4
3.5
3.3
66.5
3.8
3.5
69.8
4.0
Figure 53. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com