Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8140ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL8140ACPZN-R7
Description  10 GHz to 18 GHz Low Noise Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8140ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL8140ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
ADL8140
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 18
The basic connections for operating the ADL8140 over the speci-
fied frequency range are shown in Figure 50. No external biasing
inductor is required, allowing the 1.5 V supply to be connected
to the VDD pin. It is recommended to use 0.1 µF and 100 pF
power supply decoupling capacitors. The power supply decoupling
capacitors shown in Figure 50 represent the configuration used to
characterize and qualify the ADL8140.
To set the IDQ, connect a resistor, R2, between the RBIAS and VDD
pins. A default value of 562 Ω is recommended, which results in
a nominal IDQ of 35 mA. The RBIAS pin also draws a current that
varies with the value of RBIAS, and this current is typically a few mA.
Do not leave the RBIAS pin open.
The RFIN and RFOUT pins are internally AC-coupled. If the
RFOUT pin is connected to a DC bias level other than 0 V,
AC-couple the RFOUT pin because of the internal DC path to
ground on RFOUT.
Figure 50. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
RF input power should be applied after VDD has turned on and
should be removed before VDD is turned off.
Table 9. Recommended Bias Resistor Values for Various IDQ Values, VDD =
1.5 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
1347
20
19.25
0.75
948
25
24
1
709
30
28.6
1.4
562
35
33.3
1.7
445
40
38
2
366
45
42.6
2.4
Table 10. Recommended Bias Resistor Values for Various Supply Voltages,
IDQ = 35 mA
RBIAS (Ω)
VDD (V)
335
1.2
404
1.3
562
1.5
722
1.7
1024
2.0
1630
2.5
2370
3.0
3301
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com