Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8140ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL8140ACPZN-R7
Description  10 GHz to 18 GHz Low Noise Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8140ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL8140ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
ADL8140
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 18
The ADL8140 is a gallium arsenide (GaAs), monolithic microwave
integrated circuit (MMIC), pseudomorphic high electron mobility
transistor (pHEMT), LNA with an integrated bias inductor and AC-
coupling capacitors. A simplified schematic is shown in Figure 49.
To set the drain bias current, connect an external resistor between
the RBIAS and VDD pins.
The ADL8140 has AC-coupled, single-ended input and output ports
with impedances that are nominally equal to 50 Ω over the 10 GHz
to 18 GHz frequency range. No external matching components are
required. While the RF output path is AC-coupled, there is a DC
path to ground on the RFOUT side of the AC-coupling capacitor.
Figure 49. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com