Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3713Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH3713Q
Description  AUTOMOTIVE HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713Q Datasheet(HTML) 5 Page - Diodes Incorporated

  AH3713Q Datasheet HTML 1Page - Diodes Incorporated AH3713Q Datasheet HTML 2Page - Diodes Incorporated AH3713Q Datasheet HTML 3Page - Diodes Incorporated AH3713Q Datasheet HTML 4Page - Diodes Incorporated AH3713Q Datasheet HTML 5Page - Diodes Incorporated AH3713Q Datasheet HTML 6Page - Diodes Incorporated AH3713Q Datasheet HTML 7Page - Diodes Incorporated AH3713Q Datasheet HTML 8Page - Diodes Incorporated AH3713Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Document number: DS46067 Rev. 1 - 2
5 of 19
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Magnetic Characteristics (Notes 11 & 12) (TA = -40°C to +150°C, VDD = 3.0V to 27V, unless otherwise specified) (continued)
Part Number
Symbol
Parameter
Min
Typ
Max
Unit
Output Type
AH3717Q
BOP
(South pole to part-marking side
for SOT23 (Type S) and SIP-3
(Bulk Pack); South pole to non-
part marking side for SC59. See
diagram below)
Operation Point
110
140
170
Gauss
Open-Drain
BRP
(North pole to part-marking side
for SOT23 (Type S) and SIP-3
(Bulk Pack); North pole to non-
part marking side for SC59. See
diagram below)
Release Point
-170
-140
-110
BHY (|BOPX| - |BRPX|)
Hysteresis (Note 13)
210
280
350
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (3.0V to 27V) to guarantee the output sampling. The output state is
valid after the startup time of 13µs typical from the operating voltage reaching 3V.
12. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control, and characterization.
13. Maximum and minimum hysteresis is guaranteed by design, process control, and characterization.
VDD
Brp
Bop
0
( Magnetic Flux Density B )
Output
Turn off
Turn on
(off-state)
VOUT_ON = VOUT(SAT)
Bhy
(on-state)
Part mark
N
S
SOT23
(Type S)
Part mark
S
SIP-3
(Bulk Pack)
N
Part mark
N
S
SC59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com