Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3713Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH3713Q
Description  AUTOMOTIVE HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AH3713Q Datasheet HTML 1Page - Diodes Incorporated AH3713Q Datasheet HTML 2Page - Diodes Incorporated AH3713Q Datasheet HTML 3Page - Diodes Incorporated AH3713Q Datasheet HTML 4Page - Diodes Incorporated AH3713Q Datasheet HTML 5Page - Diodes Incorporated AH3713Q Datasheet HTML 6Page - Diodes Incorporated AH3713Q Datasheet HTML 7Page - Diodes Incorporated AH3713Q Datasheet HTML 8Page - Diodes Incorporated AH3713Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Document number: DS46067 Rev. 1 - 2
3 of 19
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Absolute Maximum Ratings (Notes 5 & 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Value
Unit
VDD
Supply Voltage (Note 6)
40
V
VDDR
Reverse Supply Voltage
-18
V
VOUT_MAX
Output Pin Voltage (Note 6)
40
V
IOUT
Output Current Sink
60
mA
IOUT_R
Reverse Output Current
-50
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
SIP-3 (Bulk Pack)
550
mW
SC59 and SOT23 (Type S)
230
TS
Storage Temperature Range
-65 to +165
°C
TJ
Maximum Junction Temperature
+170
°C
ESD HBM
Electrostatic Discharge Withstand Capability
—Human Body Model
8
kV
ESD CDM
Electrostatic Discharge Withstand Capability
—Charged Device Model
1
kV
Notes:
5. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
6. The absolute maximum VDD of 40V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate the
device at the absolute maximum-rated conditions for any period of time.
Recommended Operating Conditions (@TA = -40°C to +150°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Supply voltage, between VDD and GND pins
3.0 to 27
V
TA
Operating Temperature Range
Operating ambient temperature range
-40 to +150
°C
Electrical Characteristics (Notes 7 & 8) (@TA = -40°C to +150°C, VDD = 3V to 27V, CIN = 0.1µF, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_ON
Output On Voltage
IOUT = 20mA, B > BOP
—
0.25
0.42
V
IOUT_OFF
Output Leakage Current
VOUT = 27V, B < BRP, output off
—
<0.1
10
µA
IDD
Supply Current
Output open, TA = +25
C
—
2.8
3.8
mA
Output open, TA = -40°C to +150°C
—
2.8
4.8
mA
IDD_R
Reverse Battery Current
VDD = -18V, TA = -40°C to +150°C
—
0.001
2.3
mA
tst
Device Startup Time
VDD ≥ 3V, B > BOP+10Gs or B < BRP - 10Gs
(Note 7)
—
13
—
µs
fC
Chopping Frequency
VDD ≥ 3V (Note 9)
—
500
—
kHz
td
The Time Delay from Magnetic
Threshold Reached to the Start of the
Output Rise or Fall
B > 3 x BOPMAX, square wave magnetic field
—
10.
—
µs
tr
Output Rising Time
(External Pullup Resistor RL and
Load Capacitance Dependent)
RL = 1kΩ, CL = 20pF (Note 9)
—
0.1
1
µs
tf
Output Falling Time
(Internal Switch Resistance and Load
Capacitance Dependent)
RL = 1kΩ, CL = 20pF (Note 9)
—
0.3
1
µs
IOCL
Output Current Limit
Output on (Note 10)
30
—
60
mA
VZ
Zener Clamp Voltage
IDD = 8mA, TA = +25°C, output off
36
—
—
V
Notes:
7. When power is initially turned on, VDD must be within its correct operating range (3.0V to 27V) to guarantee the output sampling. The output state is valid
after the startup time of 13µs typical from the operating voltage reaching 3V.
8. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production but
guaranteed by design, process control and characterization
9. Guaranteed by design, process control, and characterization. Not tested in production.
10. The device limits the output current IOUT to current limit of IOCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com