Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3713Q Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AH3713Q
Description  AUTOMOTIVE HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713Q Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AH3713Q Datasheet HTML 10Page - Diodes Incorporated AH3713Q Datasheet HTML 11Page - Diodes Incorporated AH3713Q Datasheet HTML 12Page - Diodes Incorporated AH3713Q Datasheet HTML 13Page - Diodes Incorporated AH3713Q Datasheet HTML 14Page - Diodes Incorporated AH3713Q Datasheet HTML 15Page - Diodes Incorporated AH3713Q Datasheet HTML 16Page - Diodes Incorporated AH3713Q Datasheet HTML 17Page - Diodes Incorporated AH3713Q Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Document number: DS46067 Rev. 1 - 2
14 of 19
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Marking Information
(1)
Package Type: SOT23 (Type S) and SC59
Part Number
Package
Identification Code
AH3713Q-SA-7
SOT23 (Type S)
N3Q
AH3713Q-W-7
SC59
UFQ
AH3714Q-SA-7
SOT23 (Type S)
N4Q
AH3714Q-W-7
SC59
UGQ
AH3715Q-SA-7
SOT23 (Type S)
N5Q
AH3715Q-W-7
SC59
UHQ
AH3716Q-SA-7
SOT23 (Type S)
N6Q
AH3716Q-W-7
SC59
UJQ
AH3717Q-SA-7
SOT23 (Type S)
N7Q
AH3717Q-W-7
SC59
UKQ
(2)
Package Type: SIP-3 (Bulk Pack)
371xQ
Identification
Code
( Top View )
Y WW X
X : Internal Code
Y : Year : 0 to 9 (ex: 3 = 2023)
WW : Week : 01 to 52, "52" represents
week 52 and 53
Part Number
Package
Identification Code
AH3713Q-P-B
SIP-3 (Bulk Pack)
3713Q
AH3714Q-P-B
SIP-3 (Bulk Pack)
3714Q
AH3715Q-P-B
SIP-3 (Bulk Pack)
3715Q
AH3716Q-P-B
SIP-3 (Bulk Pack)
3716Q
AH3717Q-P-B
SIP-3 (Bulk Pack)
3717Q
XXX Y W X
( Top View )
XXX : Identification Code
W : Week : A to Z : week 1 to 26;
X : Internal Code
Y : Year : 0 to 9 (ex: 3 = 2023)
a to z : week 27 to 52; z represents
week 52 and 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com