Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3713Q Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AH3713Q
Description  AUTOMOTIVE HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713Q Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AH3713Q Datasheet HTML 7Page - Diodes Incorporated AH3713Q Datasheet HTML 8Page - Diodes Incorporated AH3713Q Datasheet HTML 9Page - Diodes Incorporated AH3713Q Datasheet HTML 10Page - Diodes Incorporated AH3713Q Datasheet HTML 11Page - Diodes Incorporated AH3713Q Datasheet HTML 12Page - Diodes Incorporated AH3713Q Datasheet HTML 13Page - Diodes Incorporated AH3713Q Datasheet HTML 14Page - Diodes Incorporated AH3713Q Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Document number: DS46067 Rev. 1 - 2
11 of 19
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Typical Operating Characteristics (continued)
AH3717Q Output Points (Magnetic Thresholds)
– BOP and BRP
-160
-120
-80
-40
0
40
80
120
160
200
240
280
320
2
4
6
8
10
12
14
16
18
20
22
24
26
28
Supply Voltage (V)
Switch Points B
OP and BRP vs. Supply Voltage
BHY
BOP
BRP
TA = +25°C
-160
-120
-80
-40
0
40
80
120
160
200
240
280
320
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
Switch Points B
OP and BRP vs. Temperature
BHY
BOP
BRP
V
DD = 3V
-160
-120
-80
-40
0
40
80
120
160
200
240
280
320
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
Switch Points B
OP and BRP vs. Temperature
BHY
BOP
BRP
V
DD = 12V
-160
-120
-80
-40
0
40
80
120
160
200
240
280
320
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
Switch Points B
OP and BRP vs. Temperature
BHY
BOP
BRP
V
DD = 27V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com