Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3713Q Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AH3713Q
Description  AUTOMOTIVE HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713Q Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AH3713Q Datasheet HTML 11Page - Diodes Incorporated AH3713Q Datasheet HTML 12Page - Diodes Incorporated AH3713Q Datasheet HTML 13Page - Diodes Incorporated AH3713Q Datasheet HTML 14Page - Diodes Incorporated AH3713Q Datasheet HTML 15Page - Diodes Incorporated AH3713Q Datasheet HTML 16Page - Diodes Incorporated AH3713Q Datasheet HTML 17Page - Diodes Incorporated AH3713Q Datasheet HTML 18Page - Diodes Incorporated AH3713Q Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Document number: DS46067 Rev. 1 - 2
18 of 19
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SOT23 (Type S)
Dimensions
Value (in mm)
C
1.830
G
0.800
G1
1.130
X
0.700
X1
2.530
Y
1.050
Y1
2.900
(2)
Package Type: SC59
Dimensions
Value (in mm)
Z
3.4
X
0.8
Y
1.0
C
2.4
E
1.35
Mechanical Data
Moisture Sensitivity: SOT23 (Type S)/SC59
– Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: SIP-3 (Bulk Pack)
– 0.077 grams (Approximate)
SOT23 (Type S)
– 0.009 grams (Approximate)
SC59
– 0.015 grams (Approximate)
Y
G
G1
X1
C
Y1
X
X
E
Y
C
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com