Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC858LC4B Datasheet(PDF) 3 Page - Analog Devices

Part # HMC858LC4B
Description  14 Gbps, 2:1 DIFFERENTIAL SELECTOR WITH PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC858LC4B Datasheet(HTML) 3 Page - Analog Devices

  HMC858LC4B Datasheet HTML 1Page - Analog Devices HMC858LC4B Datasheet HTML 2Page - Analog Devices HMC858LC4B Datasheet HTML 3Page - Analog Devices HMC858LC4B Datasheet HTML 4Page - Analog Devices HMC858LC4B Datasheet HTML 5Page - Analog Devices HMC858LC4B Datasheet HTML 6Page - Analog Devices HMC858LC4B Datasheet HTML 7Page - Analog Devices HMC858LC4B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HMC858LC4B
v05.0322
14 Gbps, 2:1 DIFFERENTIAL SELECTOR
WITH PROGRAMMABLE OUTPUT VOLTAGE
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Select Input Return Loss vs. Frequency [1][3][4]
Output Return Loss vs. Frequency [1][3][4]
Data Input Return Loss vs. Frequency [1][3][4]
Response vs. Input Power [1][3][5]
Rise / Fall Time vs. VR [2][3]
[1] VR = 0.0 V
[2] Frequency = 13 GHz
[3] Vee = -3.3 V
[4] Device measured on evaluation board with gating after connector
[5] Device measured on evaluation board with port extensions
Rise / Fall Time vs. Supply Voltage [1][2]
14
16
18
20
22
24
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
tr
tf
SUPPLY VOLTAGE (V)
14
16
18
20
22
24
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
tr
tf
VR (V)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
3
6
9
12
15
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
3
6
9
12
15
18
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
3
6
9
12
15
FREQUENCY (GHz)
10
15
20
25
30
35
40
45
50
55
60
65
0
3
6
9
12
15
18
-45 dBm
-40 dBm
-30 dBm
-20 dBm
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com