Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC858LC4B Datasheet (PDF) - Analog Devices

HMC858LC4B Datasheet PDF - Analog Devices
Part # HMC858LC4B
Download  HMC858LC4B Download
File Size   934.74 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 Gbps, 2:1 DIFFERENTIAL SELECTOR WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC858LC4B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC858LC4B Datasheet PDF - Analog Devices

Part # HMC858LC4B
Download  HMC858LC4B Click to download

File Size   934.74 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 Gbps, 2:1 DIFFERENTIAL SELECTOR WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC858LC4B Datasheet (HTML) - Analog Devices


HMC858LC4B Product details

Features
Supports High Data Rates: up to 14 Gbps
Differential or Single-Ended Operation
Fast Rise and Fall Times: 19 / 20 ps
Low Power Consumption: 221 mW typ.
Programmable Differential
Output Voltage Swing: 500 - 1300 mVp-p
Propagation Delay: 87 ps
Single Supply: -3.3 V
24 Lead Ceramic 4x4 mm SMT Package: 16 mm2

Typical Applications
The HMC858LC4B is ideal for:
• 2:1 Multiplexer up to 14 Gbps
• 16G Fiber Channel
• Serial Data Transmission up to 14 Gbps
• Redundant Path Switching
• Built-in Test
• Broadband Test & Measurement




Similar Part No. - HMC858LC4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
HMC8500PM5ETR AD-HMC8500PM5ETR Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
RF ATE Applications
More results


Similar Description - HMC858LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC748LC3C HITTITE-HMC748LC3C Datasheet
287Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC848LC5 HITTITE-HMC848LC5 Datasheet
1Mb / 10P
45 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC728LC3C HITTITE-HMC728LC3C Datasheet
440Kb / 8P
14 Gbps, 2:1 SELECTOR
HMC748LC3C HITTITE-HMC748LC3C_11 Datasheet
553Kb / 8P
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
32 Gbps, 2:1 Mux w/ Programmable Output Voltage
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
32 Gbps, 1:2 Demux w/ Programmable Output Voltage
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com