Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC858LC4B Datasheet(PDF) 2 Page - Analog Devices

Part # HMC858LC4B
Description  14 Gbps, 2:1 DIFFERENTIAL SELECTOR WITH PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC858LC4B Datasheet(HTML) 2 Page - Analog Devices

  HMC858LC4B Datasheet HTML 1Page - Analog Devices HMC858LC4B Datasheet HTML 2Page - Analog Devices HMC858LC4B Datasheet HTML 3Page - Analog Devices HMC858LC4B Datasheet HTML 4Page - Analog Devices HMC858LC4B Datasheet HTML 5Page - Analog Devices HMC858LC4B Datasheet HTML 6Page - Analog Devices HMC858LC4B Datasheet HTML 7Page - Analog Devices HMC858LC4B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HMC858LC4B
v05.0322
14 Gbps, 2:1 DIFFERENTIAL SELECTOR
WITH PROGRAMMABLE OUTPUT VOLTAGE
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Electrical Specifications (continued)
Parameter
Conditions
Min.
Typ.
Max
Units
Output Rise / Fall Time
Differential, 20% - 80%
19 / 20
ps
Output Return Loss
Frequency <16 GHz
10
dB
Random Jitter, Jr
rms [1]
0.08
0.11
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [1]
2
ps, p-p
Propagation Delay, A or B to DOUT, td
87
ps
Propagation Delay Select to Data, tds
89
ps
[1] Added jitter calculated by de-embedding the source’s jitter at 13 Gbps, 215 -1 PRBS input.
DC Current vs. Supply Voltage [1][2]
[1] VR = 0.0 V
[2] Frequency = 13 GHz
Vee = -3.3 V
Output Differential Voltage
vs. Supply Voltage [1][2]
Output Differential Voltage vs. VR [2][3]
DC Current vs. VR [2][3]
40
50
60
70
80
90
100
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
40
45
50
55
60
65
70
75
80
85
90
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
400
500
600
700
800
900
1000
1100
1200
1300
1400
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com