Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC858LC4B Datasheet(PDF) 5 Page - Analog Devices

Part # HMC858LC4B
Description  14 Gbps, 2:1 DIFFERENTIAL SELECTOR WITH PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC858LC4B Datasheet(HTML) 5 Page - Analog Devices

  HMC858LC4B Datasheet HTML 1Page - Analog Devices HMC858LC4B Datasheet HTML 2Page - Analog Devices HMC858LC4B Datasheet HTML 3Page - Analog Devices HMC858LC4B Datasheet HTML 4Page - Analog Devices HMC858LC4B Datasheet HTML 5Page - Analog Devices HMC858LC4B Datasheet HTML 6Page - Analog Devices HMC858LC4B Datasheet HTML 7Page - Analog Devices HMC858LC4B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HMC858LC4B
v05.0322
14 Gbps, 2:1 DIFFERENTIAL SELECTOR
WITH PROGRAMMABLE OUTPUT VOLTAGE
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Absolute Maximum Ratings
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Power Supply Voltage (Vee)
-3.75 V to +0.5 V
Input Signals
-2.0 V to 0.5 V
Output Signals
-1.5 V to 0.5 V
Junction Temperature
125 °C
Continuous Pdiss (T = 85 °C
(derate 30.0 mW/°C above 85 °C)
1.22 W
Thermal Resistance (R
th j-p)
Worst case device to package paddle
32.8 °C/W
Storage Temperature
-65 °C to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1C
Package Information
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [2]
HMC858LC4B
Alumina, White
Gold over Nickel
MSL3
[1]
H858
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
12
0.50
BSC
0.20
MIN
2.50 REF
24-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-24-2)
Dimensions shown in millimeters.
BOTTOM VIEW
TOP VIEW
1
24
7
13
18
19
6
0.36
0.30
0.24
0.38
0.32
0.26
EXPOSED
PAD
4.05
3.90 SQ
3.75
3.10 REF
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.60
2.50 SQ
2.40
PIN 1
0.08
REF
SIDE VIEW
1.20
1.10
1.00
SEATING
PLANE
PIN 1
INDICATOR
AREA
24-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-24-2)
Dimensions shown in millimeters.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com