Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC858LC4B Datasheet(PDF) 1 Page - Analog Devices

Part # HMC858LC4B
Description  14 Gbps, 2:1 DIFFERENTIAL SELECTOR WITH PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC858LC4B Datasheet(HTML) 1 Page - Analog Devices

  HMC858LC4B Datasheet HTML 1Page - Analog Devices HMC858LC4B Datasheet HTML 2Page - Analog Devices HMC858LC4B Datasheet HTML 3Page - Analog Devices HMC858LC4B Datasheet HTML 4Page - Analog Devices HMC858LC4B Datasheet HTML 5Page - Analog Devices HMC858LC4B Datasheet HTML 6Page - Analog Devices HMC858LC4B Datasheet HTML 7Page - Analog Devices HMC858LC4B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
HMC858LC4B
v05.0322
14 Gbps, 2:1 DIFFERENTIAL SELECTOR
WITH PROGRAMMABLE OUTPUT VOLTAGE
For price, delivery, and to place orders:
Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
The HMC858LC4B is a 2:1 Selector designed to
sup-port data transmission rates of up to 14 Gbps,
and selector port operation of up to 14 GHz. The
selector routes one of the two differential inputs to the
differential output upon assertion of the proper select
port. The HMC858LC4B also features an output level
control pin, VR, which allows for loss compensation or
for signal level optimization.
All differential input signals to the HMC858LC4B
are terminated with 50 ohms to ground on-chip, and
may be either AC or DC coupled. The outputs of the
HMC858LC4B may be operated either differentially
or single-ended. Outputs can be connected directly
to a 50 ohm terminated system, while DC blocking
capacitors may be used if the terminating system is
50 ohms to a non-ground DC voltage. The HMC-
858LC4B operates from a single -3.3V DC supply and
is available in a ceramic RoHS-compliant, 4x4 mm
SMT package.
General Description
Features
Functional Diagram
Supports High Data Rates: up to 14 Gbps
Differential or Single-Ended Operation
Fast Rise and Fall Times: 19 / 20 ps
Low Power Consumption: 221 mW typ.
Programmable Differential
Output Voltage Swing: 500 - 1300 mVp-p
Propagation Delay: 87 ps
Single Supply: -3.3 V
24 Lead Ceramic 4x4 mm SMT Package: 16 mm2
Typical Applications
The HMC858LC4B is ideal for:
• 2:1 Multiplexer up to 14 Gbps
• 16G Fiber Channel
• Serial Data Transmission up to 14 Gbps
• Redundant Path Switching
• Built-in Test
• Broadband Test & Measurement
Electrical Specifications, TA = +25 °C, Vee = -3.3 V
Parameter
Conditions
Min.
Typ.
Max
Units
Power Supply Voltage
-3.6
-3.3
-3.0
V
Power Supply Current
67
mA
Maximum Data Rate
14
Gbps
Maximum Select Rate
14
GHz
Input Voltage Range
-1.5
0.5
V
Input Differential Range
0.1
2.0
Vp-p
Input Return Loss
Frequency <16 GHz
10
dB
Output Amplitude
Single-Ended, peak-to-peak
540
mVp-p
Differential, peak-to-peak
1080
mVp-p
Output High Voltage
-20
mV
Output Low Voltage
-560
mV


Similar Part No. - HMC858LC4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
HMC8500PM5ETR AD-HMC8500PM5ETR Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
RF ATE Applications
More results

Similar Description - HMC858LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC748LC3C HITTITE-HMC748LC3C Datasheet
287Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC848LC5 HITTITE-HMC848LC5 Datasheet
1Mb / 10P
45 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC728LC3C HITTITE-HMC728LC3C Datasheet
440Kb / 8P
14 Gbps, 2:1 SELECTOR
HMC748LC3C HITTITE-HMC748LC3C_11 Datasheet
553Kb / 8P
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
32 Gbps, 2:1 Mux w/ Programmable Output Voltage
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
32 Gbps, 1:2 Demux w/ Programmable Output Voltage
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com