Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFA Datasheet(PDF) 56 Page - STMicroelectronics

Part # STR91XFA
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFA Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STR91XFA Datasheet HTML 52Page - STMicroelectronics STR91XFA Datasheet HTML 53Page - STMicroelectronics STR91XFA Datasheet HTML 54Page - STMicroelectronics STR91XFA Datasheet HTML 55Page - STMicroelectronics STR91XFA Datasheet HTML 56Page - STMicroelectronics STR91XFA Datasheet HTML 57Page - STMicroelectronics STR91XFA Datasheet HTML 58Page - STMicroelectronics STR91XFA Datasheet HTML 59Page - STMicroelectronics STR91XFA Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
Electrical characteristics
STR91xFA
56/78
6.11
Flash memory characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 19.
Flash memory program/erase characteristics
Notes: 1 STR91xFAxx4 devices have 512 Kbytes primary Flash, STR91xFAxx2 devices have 256
Kbytes primary Flash
2VDD = 1.8V, VDDQ = 3.3V, TA = 25°C.
3 Flash read access for synchronous addresses is 96 MHz maximum.
4 Flash read access for asynchronous accesses requires 2 wait states when FMI clock is above
66 MHz. See STR91xF Flash Programming Manual for more information.
Table 20.
Flash memory endurance
Parameter
Test Conditions
Value
Unit
Typ2)
Typ after
100K W/E
cycles2)
Max
Bank erase
Primary Bank
(512 Kbytes)1)
89
11.5
s
Primary Bank
(256 Kbytes)1)
44.5
6
s
Secondary Bank
(32 Kbytes)
700
750
950
ms
Sector erase
Of Primary Bank
(64 Kbytes)
1300
1400
1800
ms
Of Secondary Bank
(8 Kbytes)
300
320
450
ms
Bank program
Primary Bank
(512 Kbytes)1)
3700
4700
5100
ms
Primary Bank
(256 Kbytes)1)
1900
2000
2550
ms
Secondary Bank
(32 Kbytes)
250
260
320
ms
Sector program
Of Primary Bank
(64 Kbytes)
500
520
640
ms
Of Secondary Bank
(8 Kbytes)
60
62
80
ms
Word program
Half word (16 bits)
8
9
11
µs
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
Program/erase cycles
Per word
100K
cycles
Data retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com