Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STR91XFA
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STR91XFA Datasheet HTML 16Page - STMicroelectronics STR91XFA Datasheet HTML 17Page - STMicroelectronics STR91XFA Datasheet HTML 18Page - STMicroelectronics STR91XFA Datasheet HTML 19Page - STMicroelectronics STR91XFA Datasheet HTML 20Page - STMicroelectronics STR91XFA Datasheet HTML 21Page - STMicroelectronics STR91XFA Datasheet HTML 22Page - STMicroelectronics STR91XFA Datasheet HTML 23Page - STMicroelectronics STR91XFA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Functional overview
STR91xFA
20/78
peripheral clock from the APB, and an 8-bit clock pre-scaler is available. When enabled by
firmware as a watchdog, this timer will cause a system reset if firmware fails to periodically
reload this timer before the terminal count of 0x0000 occurs, ensuring firmware sanity. The
watchdog function is off by default after a reset and must be enabled by firmware.
2.13.4 External RESET_INn pin
This input signal is active-low with hystereses (VRHYS). Other open-drain, active-low system
reset signals on the circuit board (such as closure to ground from a push-button) may be
connected directly to the RESET_INn pin, but an external pull-up resistor to VDDQ must be
present as there is no internal pullup on the RESET_INn pin.
A valid active-low input signal of tRINMIN duration on the RESET_INn pin will cause a system
reset within the STR91xFA. There is also a RESET_OUTn pin on the STR91xFA that can drive
other system components on the circuit board. RESET_OUTn is active-low and has the same
timing of the Power-On-Reset (POR) shown next, tPOR.
2.13.5 Power-up
The LVD circuitry will always generate a global reset when the STR91xFA powers up, meaning
internal reset is active until VDDQ and VDD are both above the LVD thresholds. This POR
condition has a duration of tPOR, after which the CPU will fetch its first instruction from address
0x0000.0000 in Flash memory. It is not possible for the CPU to boot from any other source
other than Flash memory.
2.13.6 JTAG debug command
When the STR91xFA is in JTAG debug mode, an external device which controls the JTAG
interface can command a system reset to the STR91xFA over the JTAG channel.
2.13.7 Tamper detection
On 128-pin and 144-ball STR91xFA devices only, there is a tamper detect input pin,
TAMPER_IN, used to detect and record the time of a tamper event on the end product such as
malicious opening of an enclosure, unwanted opening of a panel, etc. The activation mode of
the tamper pin is programmable to one of two modes. One is Normally Closed/Tamper Open,
the other mode will detect when a signal on the tamper input pin is driven from low-to-high, or
high-to-low depending on firmware configuration. Once a tamper event occurs, the RTC time
(millisecond resolution) and the date are recorded in the RTC unit. Simultaneously, the SRAM
standby voltage source will be cut off to invalidate all SRAM contents. Tamper detection control
and status logic are part of the RTC unit.
2.14
Real-time clock (RTC)
The RTC combines the functions of a complete time-of-day clock (millisecond resolution) with
an alarm programmable up to one month, a 9999-year calender with leap-year support,
periodic interrupt generation from 1 to 512 Hz, tamper detection (described in Section 2.13.7),
and an optional clock calibration output on the JRTCK pin. The time is in 24 hour mode, and
time/calendar values are stored in binary-coded decimal format.
The RTC also provides a self-isolation mode that is automatically activated during power down.
This feature allows the RTC to continue operation when VDDQ and VDD are absent, as long as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com