Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFA Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR91XFA
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR91XFA Datasheet HTML 14Page - STMicroelectronics STR91XFA Datasheet HTML 15Page - STMicroelectronics STR91XFA Datasheet HTML 16Page - STMicroelectronics STR91XFA Datasheet HTML 17Page - STMicroelectronics STR91XFA Datasheet HTML 18Page - STMicroelectronics STR91XFA Datasheet HTML 19Page - STMicroelectronics STR91XFA Datasheet HTML 20Page - STMicroelectronics STR91XFA Datasheet HTML 21Page - STMicroelectronics STR91XFA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
Functional overview
STR91xFA
18/78
2.11.3 Sleep mode
In this mode all clock circuits except the RTC are turned off and main oscillator input pins
X1_CPU and X2_CPU are disabled. The RTC clock is required for the CPU to exit Sleep Mode.
The entire chip is quiescent (except for RTC and wake-up circuitry). There are three means to
exit Sleep Mode and re-start the system:
Some resets (external reset pin, low-voltage, power-up, JTAG debug command)
RTC alarm
Input from wake-up unit
2.12
Voltage supplies
The STR91xFA requires two separate operating voltage supplies. The CPU and memories
operate from a 1.65V to 2.0V on the VDD pins, and the I/O ring operates at 2.7V to 3.6V on the
VDDQ pins.
2.12.1 Independent A/D converter supply and reference voltage
The ADC unit on 128-pin and 144-ball packages has an isolated analog voltage supply input at
pin AVDD to accept a very clean voltage source, independent of the digital voltage supplies.
Additionally, an isolated analog supply ground connection is provided on pin AVSS only on 128-
pin and 144-ball packages for further ADC supply isolation. On 80-pin packages, the analog
voltage supply is shared with the ADC reference voltage pin (as described next), and the
analog ground is shared with the digital ground at a single point in the STR91xFA device on pin
AVSS_VSSQ.
A separate external analog reference voltage input for the ADC unit is available on 128-pin and
144-ball packages at the AVREF pin for better accuracy on low voltage inputs. For 80-pin
packages, the ADC reference voltage is tied internally to the ADC unit supply voltage at pin
AVREF_AVDD, meaning the ADC reference voltage is fixed to the ADC unit supply voltage.
See Table 7: Operating conditions, for restrictions to the relative voltage levels of VDDQ, AVDD,
AVREF, and AVREF_AVDD.
2.12.2 Battery supply
An optional stand-by voltage from a battery or other source may be connected to pin VBATT to
retain the contents of SRAM in the event of a loss of the VDD supply. The SRAM will
automatically switch its supply from the internal VDD source to the VBATT pin when the voltage
of VDD drops below that of VBATT.
The VBATT pin also supplies power to the RTC unit, allowing the RTC to function even when
the main digital supplies (VDD and VDDQ) are switched off. By configuring the RTC register, it is
possible to select whether or not to power from VBATT only the RTC unit, or power the RTC unit
and the SRAM when the STR91xFA device is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com