Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFA Datasheet(PDF) 60 Page - STMicroelectronics

Part # STR91XFA
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFA Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STR91XFA Datasheet HTML 56Page - STMicroelectronics STR91XFA Datasheet HTML 57Page - STMicroelectronics STR91XFA Datasheet HTML 58Page - STMicroelectronics STR91XFA Datasheet HTML 59Page - STMicroelectronics STR91XFA Datasheet HTML 60Page - STMicroelectronics STR91XFA Datasheet HTML 61Page - STMicroelectronics STR91XFA Datasheet HTML 62Page - STMicroelectronics STR91XFA Datasheet HTML 63Page - STMicroelectronics STR91XFA Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
Electrical characteristics
STR91xFA
60/78
Notes: 1 ALE_LENGTH = 1 by default (can be programmed to be 2 by setting the bits In the SCU_SCR0
register)
2 WSTRD = 1Fh by default (RD wait state time = WSTRD x tBCLK, WSTRD can be programmed
in the EMI_RCRx Register)
3 WSTOEN = 1 by default (RD assertion delay from chip select. WSTOEN can be programmed in
the EMI_OECRx Register)
Figure 13. Non-mux bus (8-bit) read timings
Figure 14. Mux bus (16-bit) read timings
tAAH
Address to ALE hold time
tBCLK/2 - 1
tBCLK/2 + 1
ns
tAAS
Address to ALE setup time
(ALE_LENGTH) x tBCLK - 1
ns
Symbol
Parameter
Value
Unit
Min
Max
EMI_CSxn
EMI_A [15:0]
A ddress
Data
EMI_D[7:0]
EMI_RDn
tRA S
tRP
tRDH
tRA H
tRCR
tRDS
EMI_CSxn
EMI_A [23:16]
A ddress
Data
EMI_A D[15:0]
EMI_RDn
tRA S
tRP
tRDH
tRA H
tRCR
tRDS
EMI_A LE
A ddress
tA A H
tA A S
tA W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com