Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XFA Datasheet(PDF) 28 Page - STMicroelectronics

Part # STR91XFA
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFA Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STR91XFA Datasheet HTML 24Page - STMicroelectronics STR91XFA Datasheet HTML 25Page - STMicroelectronics STR91XFA Datasheet HTML 26Page - STMicroelectronics STR91XFA Datasheet HTML 27Page - STMicroelectronics STR91XFA Datasheet HTML 28Page - STMicroelectronics STR91XFA Datasheet HTML 29Page - STMicroelectronics STR91XFA Datasheet HTML 30Page - STMicroelectronics STR91XFA Datasheet HTML 31Page - STMicroelectronics STR91XFA Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
Functional overview
STR91xFA
28/78
high-impedance state when not selected. The STR91xFA supports SPI multi-Master operation
because it provides collision detection.
Each SSP interface on the STR91xFA has the following features:
Full-duplex, three or four-wire synchronous transfers
Master or Slave operation
Programmable clock bit rate with prescaler, up to 24 MHz for Master mode and 4 MHz for
Slave mode
Separate transmit and receive FIFOs, each 16-bits wide and 8 locations deep
Programmable data frame size from 4 to 16 bits
Programmable clock and phase polarity
Specifically for Microwire protocol:
Half-duplex transfers using 8-bit control message
Specifically for SSI protocol:
Full-duplex four-wire synchronous transfer
Transmit data pin tri-stateable when not transmitting
2.22.1 DMA
A programmable DMA channel may be assigned by CPU firmware to service each SSP
channel for fast and direct transfers between the SSP bus and SRAM with little CPU
involvement. Both DMA single-transfers and DMA burst-transfers are supported for transmit
and receive. Burst transfers require that FIFOs are enabled.
2.23
General purpose I/O
There are up to 80 GPIO pins available on 10 I/O ports for 128-pin and 144-ball devices, and up
to 40 GPIO pins on 5 I/O ports for 80-pin devices. Each and every GPIO pin by default (during
and just after a reset condition) is in high-impedance input mode, and some GPIO pins are
additionally routed to certain peripheral function inputs. CPU firmware may initialize GPIO pins
to have alternate input or output functions as listed in Table 5. At any time, the logic state of any
GPIO pin may be read by firmware as a GPIO input, regardless of its reassigned input or output
function.
Bit masking is available on each port, meaning firmware may selectively read or write individual
port pins, without disturbing other pins on the same port during a write.
Firmware may designate each GPIO pin to have open-drain or push-pull characteristics.
All GPIO pins are 5V tolerant, meaning in they can drive a voltage level up to VDDQ, and can be
safely driven by a voltage up to 5.5V.
There are no internal pull-up or pull-down resistors on GPIO pins. As such, it is recommended
to ground, or pull up to VDDQ with a 100Kresistor, all unused GPIO pins to minimize power
consumption and noise generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com