Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10021 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA10021
Description  DVB-C channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10021 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA10021 Datasheet HTML 1Page - NXP Semiconductors TDA10021 Datasheet HTML 2Page - NXP Semiconductors TDA10021 Datasheet HTML 3Page - NXP Semiconductors TDA10021 Datasheet HTML 4Page - NXP Semiconductors TDA10021 Datasheet HTML 5Page - NXP Semiconductors TDA10021 Datasheet HTML 6Page - NXP Semiconductors TDA10021 Datasheet HTML 7Page - NXP Semiconductors TDA10021 Datasheet HTML 8Page - NXP Semiconductors TDA10021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2001 Oct 01
4
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
PINNING
SYMBOL
PIN
TYPE(1)
DESCRIPTION
VDDD18
1
S
digital supply voltage for the core (1.8 V typ.)
XIN
2
I
XTAL oscillator input pin: a fundamental XTAL oscillator is connected between the
XIN and XOUT pins. The XTAL frequency must be chosen so that the system
frequency SYSCLK (XIN
× multiplying factor of the PLL) equals 1.6 times the tuner
output intermediate frequency; i.e. SYSCLK = 1.6
× IF.
XOUT
3
O
XTAL oscillator output pin: a fundamental XTAL oscillator is connected between the
XIN and XOUT pins
VSSD18
4
G
digital ground for the core
SACLK
5
O
sampling clock: this output clock can be fed to an external 10-bit ADC as the
sampling clock; SACLK = SYSCLK/2
TEST
6
I
test input pin: in normal mode, pin TEST must be connected to ground
VDDD18
7
S
digital supply voltage for the core (1.8 V typ.)
VSSD18
8
G
digital ground for the core
AGCTUN
9
O/OD
first PWM encoded output signal for AGC tuner: this signal is fed to the AGC
amplifier through a single RC network. The maximum signal frequency on the
VAGC output is XIN/16. AGC information is refreshed every 1024 symbols.
IICDIV
10
I
IICDIV: this pin allows the frequency of the I2C-bus internal system clock to be
selected, depending on the crystal frequency. The internal I2C-bus clock is a
division of XIN by 4IICDIV.
AGCIF
11
O/OD
second PWM encoded output signal for the AGC IF: This signal is fed to the AGC
amplifier through a single RC network. The maximum signal frequency on the
VAGC output is XIN/16. AGC information is refreshed every 1024 symbols.
However AGCIF can also be configured to output a PWM signal, the value of which
can be programmed through the I2C-bus interface.
SADDR
12
I
SADDR is the LSB of the I2C-bus address of the TDA10021HT. The MSBs are
internally set to 000110. Therefore the complete I2C-bus address of the
TDA10021HT is (MSB to LSB) 0, 0, 0, 1, 1, 0 and SADDR.
VDDD50
13
S
digital supply voltage for the pad 5.0 V (necessary for 5 V tolerant inputs)
VDDD33
14
S
digital supply voltage for the pads (3.3 V typ.)
VSSD33
15
G
digital ground for the pads
CLR#
16
I
the CLR# input is asynchronous and active LOW, and clears the TDA10021HT:
When CLR# goes LOW, the circuit immediately enters its reset mode and normal
operation will resume 4 XIN falling edges after CLR# returns HIGH. The I2C-bus
register contents are all initialized to their default values. The minimum width of
CLR# at LOW level is 4 XIN clock periods.
SCL
17
I
I2C-bus clock input: SCL should nominally be a square wave with a maximum
frequency of 400 kHz. SCL is generated by the system I2C-bus master.
SDA
18
I/OD
SDA is a bidirectional signal: it is the serial input/output of the I2C-bus internal block.
A pull-up resistor (typically 4.7 k
Ω) must be connected between SDA and VDDD50 for
proper operation (open-drain output).
SDAT
19
I/OD
SDAT is equivalent to SDA I/O of the TDA10021HT but can be 3-stated by I2C-bus
programming. It is actually the output of a switch controlled by parameter BYPIIC of
register TEST (index 0F). SDAT is an open-drain output and therefore requires an
external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com