Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10021 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA10021
Description  DVB-C channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10021 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA10021 Datasheet HTML 2Page - NXP Semiconductors TDA10021 Datasheet HTML 3Page - NXP Semiconductors TDA10021 Datasheet HTML 4Page - NXP Semiconductors TDA10021 Datasheet HTML 5Page - NXP Semiconductors TDA10021 Datasheet HTML 6Page - NXP Semiconductors TDA10021 Datasheet HTML 7Page - NXP Semiconductors TDA10021 Datasheet HTML 8Page - NXP Semiconductors TDA10021 Datasheet HTML 9Page - NXP Semiconductors TDA10021 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2001 Oct 01
6
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
Note
1. All inputs (I) are TTL, 5 V tolerant (except pins XIN, VIP and VIM). OD are open-drain outputs, so they must be
connected by a pull-up resistor to either VDDD33 or VDDD50.
DO[7:4]
37 to 40
O
data output bus: this 8-bit parallel data is the output from the TDA10021HT after
demodulation, de-interleaving, RS decoding and de-scrambling. When one of the
two possible parallel interfaces is selected (parameter SERINT = 0, index 20) then
DO[7:0] is the transport stream output. When the serial interface is selected
(parameter SERINT = 1, index 20) then the serial output is on pin DO[0].
VDDDI8
41
S
digital supply voltage for the core (1.8 V typ.)
VSSD18
42
G
digital ground for the core
VDDD33
43
S
digital supply voltage for the pads (3.3 V typ.)
VSSD33
44
G
digital ground for the pads
DO[3:0]
45 to 48
O
data output bus: this 8-bit parallel data is the output from the TDA10021HT after
demodulation, de-interleaving, RS decoding and de-scrambling. When one of the
two possible parallel interfaces is selected then DO[7:0] is the transport stream
output. When the serial interface is selected then the serial output is on pin DO[0].
VSSD1
49
G
ground return for the digital switching circuitry (ADC)
VDDD1
50
S
power supply input for the digital switching circuitry 1.8 V (ADC)
VSSA2
51
G
ground return for the analog clock drivers (ADC)
VDDA2
52
S
power supply input for the analog clock drivers 3.3 V (ADC)
Vref(pos)
53
O
this is a positive voltage reference for the ADC. It is derived from the internal band
gap voltage, VBG, with an on-chip fully differential amplifier.
Vref(neg)
54
O
this is the negative voltage reference for the ADC. It is derived from the internal
band gap voltage, VBG, with an on-chip fully differential amplifier.
VDDA3
55
S
power supply input for the analog circuits 3.3 V (ADC)
VSSA3
56
G
ground return for analog circuits (ADC)
VIM
57
I
negative input to the ADC: this pin is DC biased to half-supply through an internal
resistor divider (2
× 20 kΩ resistors). In order to stay in the range of the ADC,
VIP − VIM should remain between the input range corresponding to the SW
register (index 1B
− default value = 0.5 V).
VIP
58
I
positive input to the ADC: this pin is DC biased to half-supply through an internal
resistor divider (2
× 20 kΩ resistors). In order to stay in the range of the ADC,
VIP − VIM should remain between the input range corresponding to the SW
register (index 1B
− default value = 0.5 V).
VSSA3
59
G
ground return for analog circuits (ADC)
VDDA3
60
S
power supply input for the analog circuits 3.3 V (ADC)
VCCD(PLL)
61
S
power supply for the PLL digital section 1.8 V
DGND
62
G
ground connection for the PLL digital section
PLLGND
63
G
ground connection for the PLL analog section
VCCA(PLL)
64
S
power supply for the PLL analog section 3.3 V
SYMBOL
PIN
TYPE(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com