Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10021 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA10021
Description  DVB-C channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10021 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA10021 Datasheet HTML 1Page - NXP Semiconductors TDA10021 Datasheet HTML 2Page - NXP Semiconductors TDA10021 Datasheet HTML 3Page - NXP Semiconductors TDA10021 Datasheet HTML 4Page - NXP Semiconductors TDA10021 Datasheet HTML 5Page - NXP Semiconductors TDA10021 Datasheet HTML 6Page - NXP Semiconductors TDA10021 Datasheet HTML 7Page - NXP Semiconductors TDA10021 Datasheet HTML 8Page - NXP Semiconductors TDA10021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2001 Oct 01
5
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
SCLT
20
OD
SCLT can be configured to be a control line output or to output the SCL input. This
is controlled by parameter BYPIIC and CTRL_SCLT of register TEST (index 0F).
SCLT is an open-drain output and therefore requires an external pull-up resistor.
ENSERI
21
I
when HIGH this pin enables the serial output transport stream through the
boundary scan pins TRST, TDO, TCK, TDI and TMS (serial interface). Must be set
LOW in bist and boundary scan mode.
TCK
22
I/O
test clock: an independent clock used to drive the TAP controller in boundary scan
mode. In normal mode of operation, TCK must be set LOW. In serial stream mode,
TCK is the clock output (OCLK).
TDI
23
I/O
test data input: the serial input for test data and instruction in boundary scan mode.
In normal mode of operation, TDI must be set LOW. In serial stream mode, the TDI
is the PSYNC output.
VDDDI8
24
S
digital supply voltage for the core (1.8 V typ.)
VSSDI8
25
G
digital ground for the core
TRST
26
I/O
test reset: this active LOW input signal is used to reset the TAP controller in
boundary scan mode. In normal mode of operation, TRST must be set LOW. In
serial stream mode, TRST is the uncorrectable output (UNCOR).
TMS
27
I/O
test mode select: this input signal provides the logic levels needed to change the
TAP controller from state to state. In normal mode of operation, TMS must be set to
HIGH. In serial stream mode, TMS is the DEN output.
TDO
28
O
test data output: this is the serial test output pin used in boundary scan mode.
Serial data is provided on the falling edge of TCK. In serial stream mode, TDO is
the data output (DO).
GPIO
29
OD
GPIO can be configured by the I2C-bus either as:
• A Front-End Lock indicator (FEL) (default mode)
• An active LOW output interrupt line (IT) which can be configured by the I2C-bus
interface
• A control output pin programmable by I2C-bus.
GPIO is an open-drain output and therefore requires an external pull-up resistor.
VDDD33
30
S
digital supply voltage for the pads (3.3 V typ.)
VSSD33
31
G
digital ground for the pads
CTRL
32
OD
CTRL is a control output pin programmable by the I2C-bus. CTRL is an open-drain
output and therefore requires an external pull-up resistor.
UNCOR
33
O
uncorrectable packet: this output signal is HIGH when the provided packet is
uncorrectable (during the 188 bytes of the packet). The uncorrectable packet is not
affected by the Reed Solomon decoder, but the MSB of the byte following the sync
byte is forced to logic 1 for the MPEG-2 process: error flag indicator (if RSI and IEI
are set LOW in the I2C-bus table).
PSYNC
34
O
pulse synchro: this output signal goes HIGH when the sync byte (0x47) is provided,
then it goes LOW until the next sync byte
OCLK
35
O
output clock: this is the output clock for the DO[7:0] data outputs. OCLK is internally
generated depending on which interface is selected.
DEN
36
O
data enable: this output signal is HIGH when there is valid data on the output bus
DO[7:0]
SYMBOL
PIN
TYPE(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com