Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10021 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA10021
Description  DVB-C channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10021 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA10021 Datasheet HTML 4Page - NXP Semiconductors TDA10021 Datasheet HTML 5Page - NXP Semiconductors TDA10021 Datasheet HTML 6Page - NXP Semiconductors TDA10021 Datasheet HTML 7Page - NXP Semiconductors TDA10021 Datasheet HTML 8Page - NXP Semiconductors TDA10021 Datasheet HTML 9Page - NXP Semiconductors TDA10021 Datasheet HTML 10Page - NXP Semiconductors TDA10021 Datasheet HTML 11Page - NXP Semiconductors TDA10021 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2001 Oct 01
8
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
CHARACTERISTICS
Notes
1. The voltage level of the 5 V supply must always exceed or at least equal the voltage level of the 3.3 V supply during
power-up and power-down in order to guarantee protection against latch-up.
2. All digital inputs are 5 V tolerant except pin XIN.
3. IOH,IOL = ±4 mA for pins SACLK, SCL, SDA, SDAT, SCLT, TCK, TDI, TRST, TMS, TDO, GPIO, UNCOR, PSYNC,
OCLK, DEN and DO[7:0]. For all other pins, IOH, IOL = ±2 mA.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD33
digital supply voltage for the
pads
VDDD = 3.3 V ±10%
2.97
3.3
3.63
V
VDDD18
digital supply voltage for the
core
VDDD = 1.8 V ±5%
1.7
1.8
1.9
V
VDDD50
digital supply voltage
only for 5 V
requirements; note 1
4.75
5.0
5.25
V
VIH
HIGH-level input voltage
TTL input; note 2
2
−
VDDD50
V
VIL
LOW-level input voltage
TTL input
0
−
0.8
V
VOH
HIGH-level output voltage
note 3
2.4
−−
V
VOL
LOW-level output voltage
−−
0.4
V
IDDD33
digital supply current for the
pads
fs = 28.92 MHz;
symbol rate = 7 Mbaud
−
46
−
mA
IDDD18
digital supply current for the
core
fs = 28.92 MHz;
symbol rate = 7 Mbaud
−
120
−
mA
Ptot
total power dissipation
fs = 28.92 MHz;
symbol rate = 7 Mbaud
−
540
−
mW
Ci
input capacitance
−−
5pF
Tamb
ambient temperature
0
−
70
°C
XTAL; pin XIN
VIH
HIGH-level input voltage
0.7VDDD33
−
VDDD33
V
VIL
LOW-level input voltage
0
−
0.3VDDD33
V
PLL
VDDD(PLL)
digital PLL supply voltage
VDDD = 1.8 V ±5%
1.7
1.8
1.9
V
VDDA(PLL)
analog PLL supply voltage
VDDA = 3.3 V ±10%
2.97
3.3
3.63
V
ADC
VDDA1
analog ADC supply voltage
VDDA = 1.8 V ±5%
1.7
1.8
1.9
V
VDDA2,VDDA3
analog ADC supply voltage
VDDA = 3.3 V ±10%
2.97
3.3
3.63
V
VIP,VIM
analog ADC inputs
−0.5
−
VDDA3 + 0.5
V
Vi
signal input range
IR =VIP − VIM
−0.5 to −1.0 −
+0.5 to +1.0 V
Vref(pos)
positive reference voltage
1.95
2.15
2.35
V
Vref(neg)
negative reference voltage
0.95
1.15
1.35
V
Voffset
input offset voltage
−25
−
+25
mV
Ri
input resistance (VIP or VIM)
−
10
−
k
Ω
Ci
input capacitance (VIP or VIM)
−
510
pF
B
input full power bandwidth
3 dB bandwidth
40
50
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com