Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10021 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA10021
Description  DVB-C channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10021 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA10021 Datasheet HTML 7Page - NXP Semiconductors TDA10021 Datasheet HTML 8Page - NXP Semiconductors TDA10021 Datasheet HTML 9Page - NXP Semiconductors TDA10021 Datasheet HTML 10Page - NXP Semiconductors TDA10021 Datasheet HTML 11Page - NXP Semiconductors TDA10021 Datasheet HTML 12Page - NXP Semiconductors TDA10021 Datasheet HTML 13Page - NXP Semiconductors TDA10021 Datasheet HTML 14Page - NXP Semiconductors TDA10021 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2001 Oct 01
11
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
handbook, full pagewidth
1
Ω
0.1
µF
0.1
µF
10
nF
64
63
62
61
60
59
58
57
53
54
52
51
50
49
10
µF
100
nF
100
nF
TDA10021HT
+3.3 V
1
Ω
10
nF
10
µF
+1.8 V
1
Ω
10
nF
10
µF
+3.3 V
1
Ω
10
nF
10
µF
+3.3 V
1
Ω
10
nF
10
µF
+1.8 V
VSSA2
VDDD1
VSSD1
VCCA(PLL)
PLLGND
DGND
VCCD(PLL)
VDDA3
VSSA3
VIP
VIM
VINP
VINM
Vref(neg)
Vref(pos)
VDDA2
MGW349
Fig.5 PLL and ADC connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com