Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # TO-252
Description  100V, N-CHANNEL SGT MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

TO-252 Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  TO-252 Datasheet HTML 1Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 2Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 3Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 4Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 5Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 6Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 7Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 8Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AiT Semiconductor Inc.
AM12NS10H
www.ait-ic.com
MOSFET
100V, N-CHANNEL SGT MOSFET
REV1.1
- JAN 2023 RELEASED, APR 2024 UPDATED -
- 3 -
THERMAL CHARACTERISTICS
Parameter
Symbol
Max
Units
Thermal resistance, Junction-Ambient
TO-220F
RθJA
4.5
℃/W
TO-252, TO-251
PDFN8(5x6)
75
TO-220, TO-263-2
62.5
SOP8
45
Thermal resistance, Junction-Case
TO-252, TO-251
PDFN8(5x6)
RθJC
2.24
℃/W
TO-220, TO-263-2
1.80
ELECTRICAL CHARACTERISTICS
At TC = 25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ.
Max Units
OFF Characteristics
Drain-Source Breakdown
Voltage
VDSS
VGS=0V, ID=250μA,
100
110
-
V
Drain-Source Leakage
Current
IDSS
VDS=100V, VGS=0V,
-
-
1
μA
VDS=80V, VGS=0V,
@ TC=125℃
-
-
100
μA
Gate-Source Forward
Leakage
IGSS(F)
VGS=+20V
-
-
100
nA
Gate-Source Reverse
Leakage
IGSS(R) VGS=-20V
-
-
-100
nA
ON Characteristics
Drain-Source On-Resistance
RDS(ON)
VGS=10V,
ID=20A.
TO-220F, TO-251,
TO-252, TO-220,
TO-263-2,
PDFN8(5x6)
-
10.5
12
mΩ
VGS=10V,
ID=10A.
SOP8
Gate Threshold Voltage
VGS (th) VDS= VGS, ID=250μA
2
3
4
V
Pulse width tp≤300μs,δ≤2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com