Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # TO-252
Description  100V, N-CHANNEL SGT MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

TO-252 Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  TO-252 Datasheet HTML 1Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 2Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 3Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 4Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 5Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 6Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 7Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 8Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AiT Semiconductor Inc.
AM12NS10H
www.ait-ic.com
MOSFET
100V, N-CHANNEL SGT MOSFET
REV1.1
- JAN 2023 RELEASED, APR 2024 UPDATED -
- 4 -
Parameter
Symbol
Conditions
Min
Typ.
Max Units
Dynamic Characteristics
Input Capacitance
Ciss
VDS=50V, VGS=0,
f=1MHz
-
1680
-
pF
Output Capacitance
Coss
-
271
-
Reverse
Transfer Capacitance
Crss
-
10
-
Total Gate Charge
Qg
VDD=50V, ID=20A, VGS=10V
(TO-220F, TO-251, TO-252, TO-
220, TO-263-2, PDFN8(5x6))
VDD=50V, ID=10A, VGS=10V
(SOP8)
-
37
-
nC
Gate-Source charge
Qgs
-
10.2
-
Gate-Drain charge
Qgd
-
11.3
-
Gate resistance
RG
VGS=0, VDS=0
-
1.3
-
Ω
Switching Characteristics
Turn-On Delay Time
td (ON)
VDD=50V, ID=10A,
VGS=10V,RG = 5Ω
Resistive Load
-
14.4
-
ns
Rise Time
tr
-
13
-
Turn-Off Delay Time
td (OFF)
-
28.8
-
Fall Time
tf
-
15.2
-
Source-Drain Diode Characteristics
Continuous Source Current
IS
TO-220F
-
-
34.8
A
TO-252, TO-251
PDFN8(5x6)
-
-
49
TO-220, TO-263-2
-
-
55
SOP8
10
Maximum Pulsed Current
ISM
TO-220F
-
-
139.2
A
TO-252, TO-251
PDFN8(5x6)
196
TO-220,
TO-263-2
220
SOP8
40
Diode Forward Voltage
VSD
VGS=0V,
IS=20A
TO-220F, TO-252
TO-251, TO-220
TO-263-2
PDFN8(5x6)
-
-
1.2
V
VGS=0V,
IS=10A
SOP8
-
-
1.2
Reverse Recovery Time
Trr
IS=10A, VGS=0,
di/dt=250A/us
-
168
-
ns
Reverse Recovery Charge
Qrr
-
335.8
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com