Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # TO-252
Description  100V, N-CHANNEL SGT MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

TO-252 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  TO-252 Datasheet HTML 1Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 2Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 3Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 4Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 5Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 6Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 7Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 8Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AiT Semiconductor Inc.
AM12NS10H
www.ait-ic.com
MOSFET
100V, N-CHANNEL SGT MOSFET
REV1.1
- JAN 2023 RELEASED, APR 2024 UPDATED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
At Tc = 25°C, unless otherwise specified
VDSS, Drain-Source Voltage
100V
ID
Continuous Drain Current,
Silicon Limited
TO-220F
34.8A
TO-252, TO-251
PDFN8(5x6)
49A
TO-220, TO-263-2
55A
SOP8
11A
Continuous Drain Current,
Package Limited
TO-220F, TO-220,
TO-263-2, TO-252,
TO-251, PDFN8(5x6)
60A
SOP8
20A
Continuous Drain Current
@TC =100°C, Silicon Limited
TO-220F
22A
TO-252, TO-251
PDFN8(5x6)
31.5A
TO-220, TO-263-2
34.8A
SOP8
6.9A
IDM (1), Pulsed Drain Current
TO-220F
139.2A
TO-252, TO-251
PDFN8(5x6)
196A
TO-220,TO-263-2
220A
SOP8
44A
VGS, Gate-Source Voltage
±20V
EAS (2), Avalanche Energy
TO-220F, TO-220,
TO-263-2, SOP8
100mJ
TO-252, TO-251
PDFN8(5x6)
56.2mJ
PD
Power Dissipation
TO-220F
27.7W
TO-252, TO-251
PDFN8(5x6)
55.9W
TO-220, TO-263-2
69.4W
SOP8
2.7W
Derating Factor above 25°C
TO-220F
0.22W/℃
TO-252, TO-251
PDFN8(5x6)
0.447 W/℃
TO-220, TO-263-2
0.56 W/℃
SOP8
0.022 W/℃
TSTG, Storage Temperature Range
-55℃~150℃
TJ, Junction Temperature
150℃
TL, Maximum Temperature for Soldering
260℃
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
(1):Repetitive Rating:Pulse width limited by maximum junction temperature.
(2):TO-220F,TO-220,TO-263-2,SOP8 : L=0.5mH, Ias=20A, Start TJ =25℃
TO-252, TO-251, PDFN8(5x6): L=0.5mH, Ias=15A, Start TJ =25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com