Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 13 Page - AiT Semiconductor Inc.

Part # TO-252
Description  100V, N-CHANNEL SGT MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

TO-252 Datasheet(HTML) 13 Page - AiT Semiconductor Inc.

Back Button TO-252 Datasheet HTML 9Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 10Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 11Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 12Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 13Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 14Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 15Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 16Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 17Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AiT Semiconductor Inc.
AM12NS10H
www.ait-ic.com
MOSFET
100V, N-CHANNEL SGT MOSFET
REV1.1
- JAN 2023 RELEASED, APR 2024 UPDATED -
- 13 -
Dimension in TO-220F (Unit: mm)
Symbol
Min.
Max.
A
9.600
10.400
B
15.400
16.200
B1
8.900
9.500
C
4.300
4.900
C1
2.100
3.000
D
2.400
3.000
E
0.600
1.000
F
0.300
0.600
G
1.120
1.420
H
1.600
3.800
L
12.000
14.000
N
2.340
2.740
Q
3.150
3.550
ΦP
2.900
3.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com