Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # TO-252
Description  100V, N-CHANNEL SGT MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

TO-252 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  TO-252 Datasheet HTML 1Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 2Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 3Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 4Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 5Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 6Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 7Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 8Page - AiT Semiconductor Inc. TO-252 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AiT Semiconductor Inc.
AM12NS10H
www.ait-ic.com
MOSFET
100V, N-CHANNEL SGT MOSFET
REV1.1
- JAN 2023 RELEASED, APR 2024 UPDATED -
- 1 -
DESCRIPTION
FEATURES
The AM12NS10H is available in a TO-220, TO-220F,
TO-252, TO-251, SOP8, TO-263-2 and PDFN8(5x6)
packages.
Package
BVDSS
RDSON
ID
TO-220
100V
10.5 mΩ
55A
TO-220F
100V
10.5 mΩ
34.8A
TO-252
100V
10.5 mΩ
49A
TO-251
100V
10.5 mΩ
49A
SOP8
100V
10.5 mΩ
11A
TO-263-2
100V
10.5 mΩ
55A
PDFN8(5x6)
100V
10.5 mΩ
49A
Fast Switching
Low On-Resistance (RDS(ON) ≤12mΩ)
Low Gate Charge
Low Reverse transfer capacitances
High avalanche ruggedness
APPLICATION
Synchronous rectifiers
High speed switching applications
ORDERING INFORMATION
PIN DESCRIPTION
Package Type
Part Number
TO-220
SPQ: 50pcs/ Tube
T3
AM12NS10HT3U
AM12NS10HT3VU
TO-220F
SPQ: 50pcs/ Tube
T3F
AM12NS10HT3FU
AM12NS10HT3FVU
TO-252
SPQ: 2,500pcs/Reel
D
AM12NS10HDR
AM12NS10HDVR
TO-251
SPQ: 75pcs/ Tube
TD3
AM12NS10HTD3U
AM12NS10HTD3VU
SOP8
SPQ: 2,500pcs/Reel
M8
AM12NS10HM8R
AM12NS10HM8VR
TO-263-2
SPQ: 800pcs/Reel
S2
AM12NS10HS2R
AM12NS10HS2VR
PDFN8
(5x6)
SPQ: 5,000pcs/Reel
PJ8
AM12NS10HPJ8R
AM12NS10HPJ8VR
Note
V: Halogen free Package
R: Tape & Reel
U: Tube
AiT provides all RoHS products
Pin#
Symbol
Function
TO-220, TO-220F, TO-251
TO-252, TO-263-2
SOP8, PDFN8(5x6)
1
1
4
G
Gate
2
2,4
5,6,7,8
D
Drain
3
3
1,2,3
S
Source


Similar Part No. - TO-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-252 ETC-TO-252 Datasheet
6Kb / 1P
TO-252 (MP-3Z)
TO-252 ETC-TO-252 Datasheet
109Kb / 6P
3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Analog Microelectronics
TO-252 AME-TO-252 Datasheet
47Kb / 1P
Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
SHENZHEN YONGERJIA INDU...
TO-252 WINNERJOIN-TO-252 Datasheet
133Kb / 1P
TRANSISTOR (PNP)
TO-252 WINNERJOIN-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
More results

Similar Description - TO-252

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com