Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201 Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM5201
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201 Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM5201 Datasheet HTML 1Page - Excelliance MOS Corp. EM5201 Datasheet HTML 2Page - Excelliance MOS Corp. EM5201 Datasheet HTML 3Page - Excelliance MOS Corp. EM5201 Datasheet HTML 4Page - Excelliance MOS Corp. EM5201 Datasheet HTML 5Page - Excelliance MOS Corp. EM5201 Datasheet HTML 6Page - Excelliance MOS Corp. EM5201 Datasheet HTML 7Page - Excelliance MOS Corp. EM5201 Datasheet HTML 8Page - Excelliance MOS Corp. EM5201 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2018/09/28
A.8
2
EM5201
Pin Assignment
Pin Name Pin No.
Pin Function
VIN
1,2
Switch input. Place ceramic bypass capacitor(s) between this terminal and GND.
VBIAS
3
Bias voltage. Power supply to the device.
ON
4
Chip Enable Input
GND
5
GND
VOUT
6,7,8 Output Voltage.
Function Block Diagram
4
VOUT
ON
GND
VBIAS
Control
Logic
6/7/8
3
1/2
VIN
5
Charge
Pump
Absolute Maximum Ratings (Note1)
 V
IN
---------------------------------------------------------------------------------------------------------------- 0.8V to 5.5 V
 Other Pins-------------------------------------------------------------------------------------------------------------------5.5V
 Power Dissipation, PD @ TA = 25
C, DFN3.0X3.0-08 ------------------------------------------------------------ 1.67 W
 Package Thermal Resistance,
θ
JA, DFN3.0X3.0-08 (Note 2)-----------------------------------------------------60C/W
 Junction Temperature---------------------------------------------------------------------------------------------- 150
C
 Lead Temperature (Soldering, 10 sec.)------------------------------------------------------------------------ 260
C
 Storage Temperature ----------------------------------------------------------------------------------
65C to 150C
 ESD susceptibility (Note3)
HBM (Human Body Mode)---------------------------------------------------------------------------------------
2KV
MM (Machine Mode)---------------------------------------------------------------------------------------------
200V
CDM( Charged Device Mode)------------------------------------------------------------------------------------ 1KV
Recommended Operating Conditions (Note4)
 Supply Input Voltage, V
IN --------------------------------------------------------------- -----------
0.8V to VBIAS-2V
 Bias Input Voltage, VBIAS -------------------------------------------------------------------------------- 3.0V to 5.5V
 Junction Temperature -----------------------------------------------------------------------------------
40C to 125C
 Ambient Temperature -------------------------------------------------------------------------------------- 0
C to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com