Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5201
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5201 Datasheet HTML 1Page - Excelliance MOS Corp. EM5201 Datasheet HTML 2Page - Excelliance MOS Corp. EM5201 Datasheet HTML 3Page - Excelliance MOS Corp. EM5201 Datasheet HTML 4Page - Excelliance MOS Corp. EM5201 Datasheet HTML 5Page - Excelliance MOS Corp. EM5201 Datasheet HTML 6Page - Excelliance MOS Corp. EM5201 Datasheet HTML 7Page - Excelliance MOS Corp. EM5201 Datasheet HTML 8Page - Excelliance MOS Corp. EM5201 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2018/09/28
A.8
3
EM5201
Electrical Characteristics
VBIAS= VON =3V to 5.5V, VIN=VBIAS-2V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Power Supplies and Currents Section
VBIAS Supply Voltage
VBIAS
3
5.5
V
VBIAS quiescent current
IQ-BAIAS IOUT = 0, VIN = 3V
20
uA
VBIAS shutdown current
ISD-BAIAS VON = 0V;VOUT = 0V
1
uA
VIN shutdown current
ISD-IN
VON = 0V;VOUT = 0V
1
uA
High-level input voltage
vON-H
1.2
V
Low-level input voltage
vON-L
0.6
V
ON pin leakage current
ION
VON = 5.5V
1
uA
Resistance Section
ON-state Resistance
RON
Io=1A,
VBIAS = 3V to 5.5V
VIN=VBIAS-2V
3.5
5.5
mΩ
Output Pull-down Resistance
RPD
VIN = 5.0V, VON = 0V, IOUT = 5mA
250
300
Ω
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2.
JA is measured in the natural convection at TA=25
oC on a low effective thermal conductivity test board
(Single layout, 1S) of JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com