Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201 Datasheet(PDF) 11 Page - Excelliance MOS Corp.

Part # EM5201
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201 Datasheet(HTML) 11 Page - Excelliance MOS Corp.

Back Button EM5201 Datasheet HTML 5Page - Excelliance MOS Corp. EM5201 Datasheet HTML 6Page - Excelliance MOS Corp. EM5201 Datasheet HTML 7Page - Excelliance MOS Corp. EM5201 Datasheet HTML 8Page - Excelliance MOS Corp. EM5201 Datasheet HTML 9Page - Excelliance MOS Corp. EM5201 Datasheet HTML 10Page - Excelliance MOS Corp. EM5201 Datasheet HTML 11Page - Excelliance MOS Corp. EM5201 Datasheet HTML 12Page - Excelliance MOS Corp. EM5201 Datasheet HTML 13Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2018/09/28
A.8
11
EM5201
Functional Description
VIN and VBIAS Voltage Range
The MOSFET gate voltage in the EM5201 is driven
by an internal charge pump. The output voltage of
the charge pump is dependent on the voltage on
VBIAS pin. Care must be taken to ensure a sufficient
VBIAS is used to keep the desired output rising time
when given the anticipated input voltage. For
quickly output
rising requirement that may be under
60usec, make sure VIN
≤ (VBIAS – 2V) is highly
recommended. For example, in order to have VIN=3V,
VBIAS must be 5V. The Ron of EM5201 will still be keep
constant if VIN > (VBIAS
– 2V) but it will exhibit slowly
output rising time. See figure as below.
ON/OFF Control
EM5201 is enabled if the voltage of the Von pin is
greater than logic high level and the VBIAS voltage
has an adequate applied. If the voltage of the EN
pin is less than logic low level, the device will be
disabled.
Input Capacitor CIN
The EM5201 do not require an input capacitor. In
order to limit the voltage drop on the input supply
caused by transient inrush current, an input bypass
capacitor
is
recommended.
A
1uF
ceramic
capacitor should be placed as closed as possible to
the VIN pin. Higher values capacitor can help to
further reduce the voltage drop.
Output Capacitor Co
Due to the integrated body diode in the NMOS
switch, the CIN greater than Co is highly
recommended. A CIN to Co ratio of 10 to 1 is
recommended for minimizing VIN drop caused by
inrush during startup. It also helps to prevent
parasitic inductance forces Vo below GND when
switching off. A 0.1uF ceramic capacitor should be
placed as closed as possible to the Vo pin.
Thermal and Layout Consideration
EM5201 is designed to maintain a constant output
load current. Due to physical limitations of the chip
layout and assembly of the device the maximum
switch current is 10A. All copper traces for the VIN
and Vo pin should be widely and short to carry the
maximum continuous current and obtain the best
effect. The input and output capacitor should be
close to the device as possible to minimize the
parasitic trace inductances and prevents the
voltage drop when load transient.
The maximum IC junction temperature should be
restricted to 125 ℃
under normal operating
conditions. To calculate the maximum allowable
dissipation, PD(MAX) for a given output current and
ambient temperature, used the following equation:
JA
A
MAX
J
MAX
D
T
T
P
)
(
)
(
Where:
PD(MAX)=Maximum allowable power dissipation
TJ(MAX)=Maximum allowable junction temperature
(125 ℃ for the EM5201)
TA=Ambient Temperature of the device
ΘJA= Junction to air thermal impedance. This
parameter is also
dependent upon PCB layput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com