Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201 Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM5201
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201 Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM5201 Datasheet HTML 1Page - Excelliance MOS Corp. EM5201 Datasheet HTML 2Page - Excelliance MOS Corp. EM5201 Datasheet HTML 3Page - Excelliance MOS Corp. EM5201 Datasheet HTML 4Page - Excelliance MOS Corp. EM5201 Datasheet HTML 5Page - Excelliance MOS Corp. EM5201 Datasheet HTML 6Page - Excelliance MOS Corp. EM5201 Datasheet HTML 7Page - Excelliance MOS Corp. EM5201 Datasheet HTML 8Page - Excelliance MOS Corp. EM5201 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018/09/28
A.8
1
EM5201
Ultra-low Resistance with Quick Rising Time Load Switch
General Description
The EM5201 is a small, ultra-low RON, single channel
load switch with controlled turn on. The device contains
an N-channel MOSFET that can operate over an input
voltage range of 0.8V to 5V and can support a maximum
continuous current of 10A.
The combination of ultra-low RON and high current
capability of the device makes it ideal for driving
processor rails with very tight voltage dropout tolerances.
The EM5201 is available in a small, space-saving
DFN3.0X3.0-08 with integrated thermal pad allowing for
high power dissipation.
Ordering Information
Part Number
Package
Remark
EM5201V
DFN3.0X3.0-08
Features
VBIAS Voltage Range : 3V to 5.5V
VIN Voltage Range : 0.8V to 5.5V
Low
Ron
Internal
NMOS:
Ron=3.5mohm
at
Vin=1.05V(VBIAS=3.3V to 5.5V)
10A Maximum Continuous Switch Current
Low Quiescent Current (20uA at VBIAS=5V)
Low Shutdown Current (1uA at VBIAS=5V)
Quick Output Discharge
DFN3.0X3.0-08 with Thermal PAD
Applications
Notebook & Netbook &MB
Desktops
Tablet PC
Pin Configuration
Typical Application Circuit


Similar Part No. - EM5201

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5201A EXCELLIANCE-EM5201A Datasheet
2Mb / 12P
Ultra-low Resistance with Quick Rising Time Load Switch
2020/03/30 A.5
EM5201AV EXCELLIANCE-EM5201AV Datasheet
2Mb / 12P
Ultra-low Resistance with Quick Rising Time Load Switch
2020/03/30 A.5
EM5201BJ EXCELLIANCE-EM5201BJ Datasheet
2Mb / 12P
Ultra-low Resistance with Quick Rising Time Load Switch
2018/09/28
EM5201D EXCELLIANCE-EM5201D Datasheet
806Kb / 8P
Ultra-low Resistance with Quick Rising Time Load Switch
2018/11/20 Rev. A.0
EM5201DV EXCELLIANCE-EM5201DV Datasheet
806Kb / 8P
Ultra-low Resistance with Quick Rising Time Load Switch
2018/11/20 Rev. A.0
More results

Similar Description - EM5201

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
Very Ultra-Low On-Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
Dual Channel, Ultra-Low Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com