Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201 Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5201
Description  Ultra-low Resistance with Quick Rising Time Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5201 Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5201 Datasheet HTML 1Page - Excelliance MOS Corp. EM5201 Datasheet HTML 2Page - Excelliance MOS Corp. EM5201 Datasheet HTML 3Page - Excelliance MOS Corp. EM5201 Datasheet HTML 4Page - Excelliance MOS Corp. EM5201 Datasheet HTML 5Page - Excelliance MOS Corp. EM5201 Datasheet HTML 6Page - Excelliance MOS Corp. EM5201 Datasheet HTML 7Page - Excelliance MOS Corp. EM5201 Datasheet HTML 8Page - Excelliance MOS Corp. EM5201 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2018/09/28
A.8
4
EM5201
Switching Timing Diagrams
Switching characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VIN=2.5V;VON=VBIAS=5V; TA=25℃
Turn-on time
TON
RL=10Ω;CL=0.1uF
10.0
uS
Turn-off time
TOFF
3.5
uS
Vout Rising time
TR
6.3
uS
Vout falling time
TF
2.0
uS
ON Delay time
TD
8.1
uS
VIN=1.05V;VON=VBIAS=5V; TA=25℃
Turn-on time
TON
RL=10Ω;CL=0.1uF
7.5
uS
Turn-off time
TOFF
5.0
uS
Vout Rising time
TR
4.2
uS
Vout falling time
TF
2.0
uS
ON Delay time
TD
8.1
uS
VIN=1.8V;VON=VBIAS=3.3V; TA=25℃
Turn-on time
TON
RL=10Ω;CL=0.1uF
12.5
uS
Turn-off time
TOFF
3.5
uS
Vout Rising time
TR
20
uS
Vout falling time
TF
3.5
uS
ON Delay time
TD
8.1
uS
VIN=1.05V;VON=VBIAS=3.3V; TA=25℃
Turn-on time
TON
RL=10Ω;CL=0.1uF
10
uS
Turn-off time
TOFF
3.5
uS
Vout Rising time
TR
8.5
uS
Vout falling time
TF
3.5
uS
ON Delay time
TD
8.1
uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com