Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2914IGN-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2914IGN-2
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914IGN-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2914IGN-2 Datasheet HTML 4Page - Linear Technology LTC2914IGN-2 Datasheet HTML 5Page - Linear Technology LTC2914IGN-2 Datasheet HTML 6Page - Linear Technology LTC2914IGN-2 Datasheet HTML 7Page - Linear Technology LTC2914IGN-2 Datasheet HTML 8Page - Linear Technology LTC2914IGN-2 Datasheet HTML 9Page - Linear Technology LTC2914IGN-2 Datasheet HTML 10Page - Linear Technology LTC2914IGN-2 Datasheet HTML 11Page - Linear Technology LTC2914IGN-2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2914
8
2914f
APPLICATIO S I FOR ATIO
Voltage Monitoring
The LTC2914 is a low power quad voltage monitoring cir-
cuit with four undervoltage and four overvoltage inputs. A
timeout period that holds OV or UV asserted after all faults
have cleared is adjustable using an external capacitor and
is externally disabled.
Each voltage monitor has two inputs (VHn and VLn) for
detecting undervoltage and overvoltage conditions. When
configured to monitor a positive voltage Vn using the
3-resistor circuit configuration shown in Figure 1, VHn is
connected to the high-side tap of the resistive divider and
VLn is connected to the low-side tap of the resistive divider.
If an input is configured as a negative voltage monitor, the
outputs UVn and OVn in Figure 1 are swapped internally. Vn
is then connected as shown in Figure 2. Note, VHn is still
connected to the high-side tap and VLn is still connected
to the low-side tap.
Polarity Selection
The three-state polarity-select pin (SEL) selects one of three
possible polarity combinations for the input thresholds,
as described in Table 1. When an input is configured for
negative supply monitoring, VHn is configured to trigger an
overvoltage condition and VLn is configured to trigger an
undervoltage condition. With this configuration, an OV con-
dition occurs when the supply voltage is more negative than
the configured threshold and a UV condition occurs when
the voltage is less negative than the configured threshold.
The three-state input pin SEL is connected to GND, VCC or
left unconnected during normal operation. When the pin
is left unconnected, the maximum leakage allowed from
the pin is ±10µA to ensure it remains in the open state.
Table 1 shows the three possible selections of polarity
based on the SEL pin connection.
Table 1. Voltage Polarity Programming (VUOT = 0.5V Typical)
SEL
V3 INPUT
V4 INPUT
VCC
Positive
VH3 < VUOT → UV
VL3 > VUOT → OV
Positive
VH4 < VUOT → UV
VL4 > VUOT → OV
Open
Positive
VH3 < VUOT → UV
VL3 > VUOT → OV
Negative
VH4 < VUOT → OV
VL4 > VUOT → UV
GND
Negative
VH3 < VUOT → OV
VL3 > VUOT → UV
Negative
VH4 < VUOT → OV
VL4 > VUOT → UV
3-Step Design Procedure
The following 3-step design procedure allows selecting
appropriate resistances to obtain the desired UV and OV trip
points for the positive voltage monitor circuit in Figure 1
and the negative voltage monitor circuit in Figure 2.
+
– 0.5V
LTC2914
UVn
VHn
RC
RB
RA
2914 F01
Vn
VLn
OVn
+
–
+
–
0.5V
1V
LTC2914
UVn
VHn
REF
RA
RB
RC
2914 F02
VLn
Vn
OVn
Figure 1. 3-Resistor Positive UV/OV Monitoring Configuration
Figure 2. 3-Resistor Negative UV/OV Monitoring Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com