Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2914IGN-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2914IGN-2
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914IGN-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC2914IGN-2 Datasheet HTML 1Page - Linear Technology LTC2914IGN-2 Datasheet HTML 2Page - Linear Technology LTC2914IGN-2 Datasheet HTML 3Page - Linear Technology LTC2914IGN-2 Datasheet HTML 4Page - Linear Technology LTC2914IGN-2 Datasheet HTML 5Page - Linear Technology LTC2914IGN-2 Datasheet HTML 6Page - Linear Technology LTC2914IGN-2 Datasheet HTML 7Page - Linear Technology LTC2914IGN-2 Datasheet HTML 8Page - Linear Technology LTC2914IGN-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2914
4
2914f
Input Threshold Voltage
vs Temperature
Supply Current vs Temperature
VCC Shunt Voltage
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
0.495
0.497
0.499
0.501
–25
0
25
50
2914 G01
75
0.503
0.505
0.496
0.498
0.500
0.502
0.504
100
TEMPERATURE (
°C)
–50
50
75
–25
25
50
60
70
55
65
80
75
90
85
0
2914 G02
100
105
100
95
VCC = 6V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (
°C)
–50
6.2
6.3
6.4
6.5
6.6
6.8
–25
025
50
2914 G03
75
100
6.7
200
µA
1mA
2mA
5mA
10mA
TI I G DIAGRA S
VHn Monitor Timing
VHn
UV
VUOT
1V
tUOD
tUOTO
2914 TD01
VLn Monitor Timing
VLn
OV
VUOT
1V
tUOD
tUOTO
2914 TD02
VHn Monitor Timing (TMR Pin Strapped to VCC)
VLn Monitor Timing (TMR Pin Strapped to VCC)
VHn
UV
VUOT
1V
tUOD
tUOD
2914 TD03
VLn
OV
VUOT
1V
tUOD
tUOD
2914 TD04
NOTE: WHEN AN INPUT IS CONFIGURED AS A NEGATIVE SUPPLY MONITOR, VHn WILL TRIGGER AN OV CONDITION AND VLn WILL TRIGGER A UV CONDITION
Specifications are at TA = 25°C, VCC = 3.3V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com