Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2914IGN-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2914IGN-2
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914IGN-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2914IGN-2 Datasheet HTML 5Page - Linear Technology LTC2914IGN-2 Datasheet HTML 6Page - Linear Technology LTC2914IGN-2 Datasheet HTML 7Page - Linear Technology LTC2914IGN-2 Datasheet HTML 8Page - Linear Technology LTC2914IGN-2 Datasheet HTML 9Page - Linear Technology LTC2914IGN-2 Datasheet HTML 10Page - Linear Technology LTC2914IGN-2 Datasheet HTML 11Page - Linear Technology LTC2914IGN-2 Datasheet HTML 12Page - Linear Technology LTC2914IGN-2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2914
9
2914f
For positive supply monitoring, Vn is the desired nominal
operating voltage, In is the desired nominal current through
the resistive divider, VOV is the desired overvoltage trip
point and VUV is the desired undervoltage trip point.
For negative supply monitoring, to compensate for the 1V
reference, 1V must be subtracted from Vn, VOV and VUV
before using each in the following equations.
1. Choose RA to obtain the desired OV trip point
RA is chosen to set the desired trip point for the
overvoltage monitor.
R
V
I
V
V
A
n
n
OV
= 05
.
•
(1)
2. Choose RB to obtain the desired UV trip point
Once RA is known, RB is chosen to set the desired trip
point for the undervoltage monitor.
R
V
I
V
V
R
B
n
n
UV
A
= 05
.
•–
(2)
3. Choose RC to Complete the Design
Once RA and RB are known, RC is determined by:
R
V
I
RR
C
n
n
AB
=
––
(3)
If any of the variables Vn, In, VUV or VOV change, then each
step must be recalculated.
Positive Voltage Monitor Example
A positive voltage monitor application is shown in Figure 3.
The monitored voltage is a 5V ±10% supply. Nominal cur-
rent in the resistive divider is 10µA.
1. Find RA to set the OV trip point of the monitor.
R
V
µA
V
V
k
A =≈
05
10
5
55
45 3
.
•
.
.
2. Find RB to set the UV trip point of the monitor.
R
V
µA
V
V
kk
B =≅
05
10
5
45
45 3
10 2
.
•
.
–.
.
3. Determine RC to complete the design.
R
V
µA
kk
k
C =−
≈
5
10
45 3
10 2
442
–.
.
Negative Voltage Monitor Example
A negative voltage monitor application is shown in Figure 4.
The monitored voltage is a –5V ±10% supply. Nominal
current in the resistive divider is 10µA. For the negative
case, 1V is subtracted from Vn, VOV and VUV.
1. Find RA to set the OV trip point of the monitor.
R
V
µA
VV
VV
k
A =≈
05
10
51
55
1
46 4
.
• ––
–.
–
.
2. Find RB to set the UV trip point of the monitor.
R
V
µA
VV
VV
kk
B =−
≅
05
10
51
45
1
46 4
8 45
.
•
–
.–
..
3. Determine RC to complete the design.
R
VV
µA
kk
k
C =−
−
≈
––
..
51
10
46 4
8 45
549
APPLICATIO S I FOR ATIO
VH1
RC
442k
RB
10.2k
RA
45.3k
VCC
GND
LTC2914
VL1
2914 F03
OV
UV
SEL
VCC
5V
V1
5V
±10%
Figure 3. Positive Supply Monitor
REF
RA
46.4k
RB
8.45k
RC
549k
VCC
GND
V3
–5V
±10%
LTC2914
VH3
VL3
2914 F04
OV
UV
SEL
VCC
5V
Figure 4. Negative Supply Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com