Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2914IGN-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2914IGN-2
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914IGN-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2914IGN-2 Datasheet HTML 8Page - Linear Technology LTC2914IGN-2 Datasheet HTML 9Page - Linear Technology LTC2914IGN-2 Datasheet HTML 10Page - Linear Technology LTC2914IGN-2 Datasheet HTML 11Page - Linear Technology LTC2914IGN-2 Datasheet HTML 12Page - Linear Technology LTC2914IGN-2 Datasheet HTML 13Page - Linear Technology LTC2914IGN-2 Datasheet HTML 14Page - Linear Technology LTC2914IGN-2 Datasheet HTML 15Page - Linear Technology LTC2914IGN-2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2914
13
2914f
TYPICAL APPLICATIO S
Quad UV/OV Supply Monitor, 10% Tolerance, 5V, 3.3V, 2.5V, 1.8V
VH1
11
16
12
13
14
1
2
3
4
10
5
6
7
8
15
9
VCC
LTC2914-1
SYSTEM
2914 TA02
CBYP 0.1µF
GND
TMR
VL1
VL2
VH2
REF
VL3
VH3
OV
UV
LATCH
SEL
VL4
CTMR
22nF TIMEOUT = 200ms
VH4
RB4
1k
RA3
4.53k
RA4
4.53k
RC4
12.4k
RB3
1k
RC3
19.6k
RA2
4.53k
RC2
27.4k
RB1
1k
RC1
44.2k
5V
3.3V
2.5V
1.8V
RB2
1k
RA1
4.53k
P0WER
SUPPLIES
Dual Positive and Dual Negative UV/OV Supply Monitor,
10% Tolerance, 5V, 3.3V, –5V, –3.3V
VH1
11
16
12
13
14
1
2
3
4
10
5
6
7
8
15
9
VCC
LTC2914-1
SYSTEM
2914 TA03
CBYP 0.1µF
GND
TMR
VL1
VL2
VH2
REF
VL3
VH3
OV
UV
LATCH
SEL
VL4
CTMR
2.2nF
TIMEOUT = 20ms
VH4
RB4
768
Ω
RC3
54.9k
RC4
37.4k
RA4
4.64k
RB3
845
Ω
RA3
4.64k
RA2
4.53k
RC2
27.4k
RB1
1k
RC1
44.2k
5V
3.3V
–3.3V
–5V
RB2
1k
RA1
4.53k
P0WER
SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com