Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2914IGN-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2914IGN-2
Description  Quad UV/OV Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914IGN-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC2914IGN-2 Datasheet HTML 1Page - Linear Technology LTC2914IGN-2 Datasheet HTML 2Page - Linear Technology LTC2914IGN-2 Datasheet HTML 3Page - Linear Technology LTC2914IGN-2 Datasheet HTML 4Page - Linear Technology LTC2914IGN-2 Datasheet HTML 5Page - Linear Technology LTC2914IGN-2 Datasheet HTML 6Page - Linear Technology LTC2914IGN-2 Datasheet HTML 7Page - Linear Technology LTC2914IGN-2 Datasheet HTML 8Page - Linear Technology LTC2914IGN-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2914
5
2914f
VCC Shunt Voltage vs ICC
Buffered Reference Voltage
vs Temperature
Transient Duration
vs Comparator Overdrive
UV Output Voltage vs VCC
UV/OV Voltage Output Low
vs Output Sink Current
Reset Timeout Period
vs Capacitance
TYPICAL PERFOR A CE CHARACTERISTICS
UV, ISINK vs VCC
Reset Timeout Period
vs Temperature
UV Output Voltage vs VCC
ICC (mA)
–2
0
6.25
6.45
6.75
2
6
8
2914 G04
6.35
6.65
6.55
4
10
12
25
°C
–40
°C
85
°C
TEMPERATURE (
°C)
–50
0.995
0.997
0.999
1.001
–25
0
25
50
2914 G05
75
1.003
1.005
0.996
0.998
1.000
1.002
1.004
100
COMPARATOR OVERDRIVE PAST THRESHOLD (%)
0.1
400
500
600
700
1
10
100
2914 G06
300
200
100
0
VCC = 6V
RESET OCCURS
ABOVE CURVE
VCC = 2.3V
TEMPERATURE (
°C)
–50
6
7
8
9
10
12
–25
025
50
2914 G07
75
100
11
CTMR = 1nF
SUPPLY VOLTAGE, VCC (V)
0
0.4
0.6
0.8
2914 G08
0.2
0
0.2
0.4
0.6
1.0
0.8
VCC
UV WITH
10k PULL-UP
UV WITHOUT
10k PULL-UP
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2914 G09
2
1
0
1
2
3
5
VHn = 0.55V
SEL = VCC
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2914 G10
2
1
0
1
2
3
5
VHn = 0.45V
SEL = VCC
UV AT 150mV
UV AT 50mV
IUV/OV (mA)
0
0
0.2
0.4
0.6
0.8
1.0
5
10
15
20
2914 G11
25
30
125
°C
–40
°C
25
°C
TMR PIN CAPACITANCE, CTMR (nF)
10
100
1000
10000
0.1
10
100
1000
2914 G12
1
1
Specifications are at TA = 25°C, VCC = 3.3V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com