Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7145 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # FS7145
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7145 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button FS7145 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 13Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 14Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator
Data Sheet
7.0 Electrical Specifications
Parameter
Symbol
Min.
Max.
Units
Supply Voltage, dc (V SS = ground)
VDD
VSS-0.5
4.5
V
Input Voltage, dc
V1
VSS-0.5
VDD+0.5
V
Output Voltage, dc
VO
VSS-0.5
VDD+0.5
V
Input Clamp Current, dc (V
I
< 0 or V I > VDD)
IIK
-50
50
mA
Output Clamp Current, dc (V
I
< 0 or V I > VDD)
IOK
-50
50
mA
Storage Temperature Range (non-condensing)
TS
-65
150
°C
Ambient Temperature Range, Under Bias
TA
-55
125
°C
Junction Temperature
TJ
150
°C
Reflow Solder Profile
Per IPC/JEDEC
J-STD-020B
Input Static Discharge Voltage Protection
(MIL-STD 883E, Method 3015.7)
2
kV
CAUTION: ELECTROST ATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a
high-energy electrostatic discharge.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These conditions represent a stress rating only and functional operation of the
device at these or any other conditions above the operational limits noted in this specification is not implied. Exposure to maximum rating conditions for extended conditions may affect
device performance, functionality and reliability
.
Table 10: Absolute Maximum Ratings
Table 11: Operating Conditions
Parameter
Symbol
Conditions/Description
Min.
Typ.
Max.
Units
Supply Voltage
VDD
3.0
3.3
3.6
V
Ambient Operating
Temperature Range
TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com