Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7145 Datasheet(PDF) 15 Page - AMI SEMICONDUCTOR

Part # FS7145
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7145 Datasheet(HTML) 15 Page - AMI SEMICONDUCTOR

Back Button FS7145 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 13Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 14Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
Table 16: 16-pin SOIC (0.150”) Package Characteristics
Parameter
Symbol
Conditions/Description
Typ.
Units
Thermal Impedance, Junction to Free-Air
QJA
Air flow = 0 ft./min.
108
°CW
Lead Inductance, Self
L11
Corner lead
2.5
nH
Center lead
1.2
nH
Table 17: 16-pin 5.3mm (0.209”) SSOP Package Dimensions
Be
D
A
1
SEATING PLANE
H
E
16
1
BASE PLANE
A
2
C
L
q
A
Dimensions
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.068
0.078
1.73
1.99
A1
0.002
0.008
0.05
0.21
A2
0.066
0.070
1.68
1.78
B
0.010
0.015
0.25
0.38
C
0.005
0.008
0.13
0.20
D
0.239
0.249
6.07
6.33
E
0.205
0.212
5.20
5.38
e
0.0256 BSC
0.65 BSC
H
0.301
0.311
7.65
7.90
L
0.022
0.037
0.55
0.95
Q
0808
Table 18: 16-pin 5.3mm (0.208”) SSOP Package Characteristics
Parameter
Symbol
Conditions/Description
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
16-pin 0.150” SOIC
QJA
Air flow = 0ms
90
°C/W
Lead Inductance, Self
L11
Corner lead
2.3
nH
Center lead
1
nH
9.0 Ordering Information
Ordering Code
Device Number
Package Type
Operating Temperature
Range
Shipping Configuration
13715-802-XTP (or - XTD)
FS7140-01
16-pin (0.150”) SOIC
0°C to 70°C (commercial)
-XTP
-XTD
13715-201-XTP (or -XTD)
FS7140-01
16-pin (5.3mm) SSOP
0°C to 70°C (commercial)
-XTP
-XTD
13715-102-XTP (or -XTD)
FS7145
16-pin (0.150”) SOIC
0°C to 70°C (commercial)
-XTP
-XTD
13715-202-XTP (or -XTD)
FS7145
16-pin (5.3mm) SSOP
0°C to 70°C (commercial)
-XTP
-XTD
13715-805-XTP (or -XTD)
FS7140-01g
16-pin (5.3mm) SSOP
‘green’ or lead-free packaging
0°C to 70°C (commercial)
-XTP
-XTD
13715-806-XTP (or -XTD)
FS7140-01g
16-pin (0.150”) SOIC
‘green’ or lead-free packaging
0°C to 70°C (commercial)
-XTP
-XTD
Devices sold by AMIS are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMIS makes no warranty, express, statutory, implied or by description, regarding the
information set forth herein or regarding the freedom of the described devices from patent infringement. AMIS makes no warranty of merchantability or fitness for any purposes. AMIS reserves the right to discontinue
production and change specifications and prices at any time and without notice. AMI Semiconductor's products are intended for use in commercial applications. Applications requiring extended temperature range,
unusual environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment, are specifically not recommended without additional processing by AMIS for such
applications. Copyright ©2006 AMI Semiconductor, Inc.
XTP - Tape & Reel
XTD - Tube/Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com