Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7145 Datasheet(PDF) 13 Page - AMI SEMICONDUCTOR

Part # FS7145
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7145 Datasheet(HTML) 13 Page - AMI SEMICONDUCTOR

Back Button FS7145 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 13Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 14Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
Table 13: AC Timing Specifications
Parameter
Symbol
Conditions/Description
Clock
(MHz)
Min.
Typ.
Max.
Units
Overall
Output Frequency*
fO(max)
CMOS outputs
0
150
MHz
PECL outputs
0
300
VCO Frequency*
fVCO
40
400
MHz
CMOS Mode Rise Time*
tr
CL = 7pF
1ns
CMOS Mode Fall Time*
tf
CL = 7pF
1
ns
PECL Mode Rise Time*
tr
CL = 7pF; RL = 65 ohm
1ns
PECL Mode Fall Time*
tf
CL = 7pF; RL = 65 ohm
1
ns
Reference Frequency Input (REF)
Input Frequency
FREF
80
MHz
Reference High Time
tREHF
3
ns
Reference Low Time
tREFL
3ns
Sync Control Input (SYNC)
Sync High Time
tSYNCH
for orderly CLK stop/start
3
TCLK
Sync Low Time
tSYNCL
for orderly CLK stop/start
3
TCLK
Clock Output (CLKP, CLKN)
Duty Cycle (CMOS Mode)*
Measured at 1.4V
50
%
Duty Cycle (PECL Mode)*
Measured at zero crossings of (VCLKP-VCLKN)
50
%
Jitter, Long Term (
sg(t))*
tj(LT)
For valid programming solutions. Long-term (or cumulative) jitter specified is RMS
position error of any edge compared with an ideal clock generated from the same
reference frequency. It is measured with a time interval analyzer using a 500
microsecond window, using statistics gathered over 1000 samples.
ps
FREF/NREF > 1000kHz
25
ps
FREF/NREF ~= 500kHz
50
ps
FREF/NREF ~= 250kHz
100
ps
FREF/NREF ~= 125kHz
190
ps
FREF/NREF ~= 62.5kHz
240
ps
FREF/NREF ~= 31.5kHz
300
ps
Jitter, Period (peak-peak)*
tj(DP)
40MHz < VCO Frequency < 100MHz
75
ps
VCO Frequency > 100MHz
50
ps
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data
and are not production tested to any specific limits. MIN and MAX characterization data are ± 3
s from typical.
Table 14: Serial Interface Timing Specifications
Parameter
Symbol
Conditions/Description
Fast Mode
Units
Min.
Max.
Clock Frequency
fSCL
SCL
0
400
kHz
Bus Free Time Between STOP and START
tBUF
1300
ns
Setup Time, START (repeated)
tsu:STA
600
ns
Hold Time, START
thd:STA
600
ns
Setup Time, Data Input
tsu:DAT
SDA
100
ns
Hold Time, Data Input
thd:DAT
SDA
0
ns
Output Data Valid From Clock
tAA
900
ns
Rise Time, Data and Clock
tR
SDA, SCL
300
ns
Fall Time, Data and Clock
tF
SDA, SCL
300
ns
High Time, Clock
tHI
SCL
600
ns
Low Time, Clock
tLO
SCL
1300
ns
Setupt Time, STOP
tsu:STO
600
ns
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data
and are not production tested to any specific limits. MIN and MAX characterization data are ± 3
s from typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com