Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7145 Datasheet(PDF) 12 Page - AMI SEMICONDUCTOR

Part # FS7145
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7145 Datasheet(HTML) 12 Page - AMI SEMICONDUCTOR

Back Button FS7145 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 13Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 14Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
Table 12: DC Electrical Specifications
Parameter
Symbol Conditions/Description
Min.
Typ.
Max.
Units
Overall
Supply Current, Dynamic
IDD
CMOS mode; FXTAL = 15MHz; FVCO = 400MHz;
FCLK = 200MHx; does not include load current
35
mA
Supply Current, Static
IDDL
SHUT1, SHUT2 bit both “1”
400
700
mA
Serial Communication I/O (SDA, SCL)
High-Level Input Voltage
VIH
0.8*VDD
V
Low-Level Input Voltage
VIL
0.2*VDD V
Hysteresis Voltage
Vhys
0.33*VDD
V
Input Leakage Current
II
SDA, SCL in read condition
-10
+10
mA
Low-Level Output Sink Current (SDA)
IOL
SDA in acknowledge condition; VSDA = 0.4V
5
14
mA
Address Select Input (ADDR0, ADDR1)
High-Level Input Voltage
VIH
VVDD-1.0
V
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Current (pull-down)
IIH
VADDRx = VDD
30
mA
Low-Level Input Current
IIL
VADDRx = 0V
-1
1
mA
Reference Frequency Input (REF)
High-Level Input Voltage
VIH
VVDD-1.0
V
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Current
IIH
VREF = VDD
-1
1
mA
Low-Level Input Current (pull-down)
IIL
VREF = 0V
-30
mA
Sync Control Input (SYNC)
High-Level Input Voltage
VIH
VVDD-1.0
V
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Current
IIH
VREF = VDD
-1
1
mA
Low-Level Input Current (pull-down)
IIL
VREF = 0V
-30
mA
Crystal Oscillator Input (XIN)
Threshold Bias Voltage
VTH
VDD/2
V
High-Level Input Current
IIH
VXIN = VDD
40
mA
Low-Level input Current
IIL
VXIN = GND
-40
mA
Crystal Frequency
FX
Fundamental mode
35
MHz
Recommended Crystal Load Capacitance* CL(XTAL)
For best matching with internal crystal oscillator load
16-18
pF
Crystal Oscillator Output (XOUT)
High-Level Output Source Current
IOH
VXOUT = 0
-8.5
mA
Low-Level Output Sink Current
IOL
VXOUT = VDD
11
mA
PECL Current Program I/O (IPRG)
Low-Level Input Current
IIL
VIPRG = 0V; PECL Mode
-10
10
mA
Clock Outputs, CMOS Mode (CLKN, CLKP)
High-Level Output Source Current
IOH
VO = 2.0V
19
mA
Low-Level Output Sink Current
IOL
VO = 0.4V
-35
mA
Clock Outputs, PECL Mode (CLKN, CLKP)
IPRG Bias Voltage
VIPRG
VIPRG will be clamped to this level when a resistor is
connected from VDD to IPRG
VDD/3
V
IPRG Bias Current
IIPRG
IIPRG - (VVDD - VIPRG) / RSET
3.5
mA
Sink Current to IPRG Current Ratio
13
Tristate Output Current
IZ
-10
10
mA
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data
and are not production tested to any specific limits. MIN and MAX characterization data are ± 3
s from typical. Negative currents indicate current flows out of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com