Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7145 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # FS7145
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7145 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  FS7145 Datasheet HTML 1Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 2Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 3Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 4Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 5Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 6Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7145 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
1.0 Features
• Extremely flexible and low-jitter phase-locked loop (PLL)
frequency synthesis
• No external loop filter components needed
• 150MHz CMOS or 340MHz PECL outputs
• Completely configurable via I2C™-bus
• Up to four FS7140 or FS7145 can be used on a single
I2C-bus
• 3.3V operation
• Independent on-chip crystal oscillator and external
reference input
• Very low "cumulative" jitter
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
IPRG
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
n/c
VSS
REF
n/c
VDD
CLKP
CLKN
SCL
SDA
ADDR0
VSS
XIN
XOUT
ADDR1
VDD
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
IPRG
n/c
VSS
REF
SYNC
VDD
CLKP
CLKN
SCL
SDA
ADDR0
VSS
XIN
XOUT
ADDR1
VDD
Figure 1: Pin Configuration:
16-pin (0.150”) SOIC, 16-pin (5.3mm) SSOP
2.0 Description
The FS7140 / FS7145 is a monolithic CMOS clock gen-
erator/regenerator IC designed to minimize cost and
component count in a variety of electronic systems. Via the I2C-
bus interface, the FS714x can be adapted to many clock
generation requirements.
The length of the reference and feedback dividers, their fine
granularity, and the flexibility of the post divider make the
FS714x the most flexible stand-alone phase-locked loop (PLL)
clock generator available.
FS7140 / FS7145
Crystal
Oscillator
XOUT
XIN
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
REF
Feedback
Divider (N
F)
Loop
Filter
I2C
Interface
SCL
SDA
ADDR[1:0]
Registers
IPRG
Post
Divider
(N
Px)
Voltage
Controlled
Oscillator
CMOS/PECL
Output
CLKN
CLKP
SYNC
(FS7145 only)
Sync
Control
Figure 2: Device Block Diagram
3.0 Applications
• Precision frequency synthesis
• Low-frequency clock multiplication
• Video line-locked clock generation
• Laser beam printers (FS7145)


Similar Part No. - FS7145

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7145-01-XTP ONSEMI-FS7145-01-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTP ONSEMI-FS7145-01-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7145

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com