Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-FDW6TP Datasheet(PDF) 45 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 38Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 39Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 40Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 41Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 42Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 43Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 44Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 45Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
List of figures
Figure 1.
Logic diagram..................................................................... 2
Figure 2.
5-pin package connection ............................................................ 3
Figure 3.
8-pin package connections, top view ..................................................... 3
Figure 4.
Block diagram .................................................................... 6
Figure 5.
I2C bus protocol ................................................................... 9
Figure 6.
Write mode sequence with WC = 0 (data write enabled)....................................... 13
Figure 7.
Write mode sequence WC = 1 (data write inhibited).......................................... 14
Figure 8.
Write cycle polling flowchart using ACK .................................................. 16
Figure 9.
Write on configurable device address register .............................................. 18
Figure 10.
Write configurable device address register with DAL=1 or hard write protected with WC line driven high ..... 18
Figure 11.
Read mode sequences ............................................................. 19
Figure 12.
Random read identification page....................................................... 21
Figure 13.
Read lock status with identification page unlocked .......................................... 22
Figure 14.
Read lock status with identification page locked ............................................ 22
Figure 15.
Random read on configuration device address register ....................................... 23
Figure 16.
AC measurement I/O waveform ....................................................... 26
Figure 17.
Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC = 400 kHz
.............................................................................. 30
Figure 18.
Maximum Rbus value vs. bus parasitic capacitance (Cbus) for an I2C bus at fC = 1MHz.................. 30
Figure 19.
AC waveforms ................................................................... 31
Figure 20.
SO8N – Outline .................................................................. 32
Figure 21.
SO8N - Footprint example ........................................................... 33
Figure 22.
TSSOP8 – Outline ................................................................ 34
Figure 23.
TSSOP8 – Footprint example ......................................................... 35
Figure 24.
UFDFPN8 - Outline ................................................................ 36
Figure 25.
UFDFPN8 - Footprint example ........................................................ 37
Figure 26.
UFDFPN5 - Outline ................................................................ 38
Figure 27.
UFDFPN5 - Footprint example ........................................................ 39
M24256E-F
List of figures
DS12687 - Rev 3
page 45/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com