Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-FDW6TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 25Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 26Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 27Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 28Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 29Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 30Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 31Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 32Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Table 15. AC characteristics
Symbol
Alt.
Parameter
Standard mode Fast-mode Fast-mode plus
Unit
Min.
Max.
Min. Max.
Min.
Max.
fC
fSCL
Clock frequency
-
100
-
400
-
1000
kHz
tCHCL
tHIGH Clock pulse width high
4
-
600
-
260
-
ns
tCLCH
tLOW
Clock pulse width low
4.7
-
1300
-
500
-
ns
tQL1QL2(1)
tF
SDA (out) fall time
-
300
20(2)
300
20(2)
120
ns
tXH1XH2
tR
Input signal rise time
-
1000
(3)
(3)
(4)
(4)
ns
tXL1XL2
tF
Input signal fall time
-
300
(3)
(3)
(4)
(4)
ns
tDVCH
tSU:DAT Data in set up time
250
-
100
-
50
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
0
-
0
-
ns
tCLQX (5)
tDH
Data out hold time
100
-
100
-
100
-
ns
tCLQV (6)
tAA
Clock low to next data valid (access time)
-
4500
-
900
-
450
ns
tCHDL
tSU:STA Start condition setup time
4700
-
600
-
250
-
ns
tDLCL
tHD:STA Start condition hold time
4000
-
600
-
250
-
ns
tCHDH
tSU:STO Stop condition set up time
4000
-
600
-
250
-
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
4700
-
1300
-
500
-
ns
tWLDL(1)(7) tSU:WC WC set up time (before the Start condition)
0
-
0
-
0
-
µs
tDHWH (1)(8) tHD:WC WC hold time (after the Stop condition)
1
-
1
-
1
-
µs
tW
tWR
Write time
-
5
-
5
-
5
ms
tNS
-
Pulse width ignored (input filter on SCL and
SDA) - single glitch
-
50
-
50
-
50
ns
tWU(1)(9)
-
Wake up time
-
5
-
5
-
5
μs
1. Evaluated by characterization – Not tested in production.
2. With CL = 10 pF.
3. There is no min. or max. values for the input signal rise and fall times. It is however recommended by the I²C specification
that the input signal rise and fall times be more than 20 ns and less than 300 ns when fC < 400 kHz
4. There are no minimum or maximum values for the input signal rise and fall times. However, it is recommended by the I²C
specification that the input signal rise and fall times be more than 20 ns and less than 120 ns when fC < 1 MHz.
5. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of
SDA.
6. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3VCC or 0.7VCC, assuming
that Rbus × Cbus time constant is within the values specified in Figure 17 and Figure 18.
7. WC=0 set up time condition to enable the execution of a write command.
8. WC=0 hold time condition to enable the execution of a write command.
9. Wake up time: Delay between the VCCmin stable and the first accepted commands.
M24256E-F
DS12687 - Rev 3
page 29/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com