Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-FDW6TP Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 19Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 20Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 21Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 22Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 23Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 24Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 25Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 26Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
6.7
Read operations on configurable device address register
Following a start condition the bus master sends a device select code with the RW bit (RW) set to 0. The device
acknowledges this and waits for the address bytes where the CDA register is located. The device responds to
each address byte with an acknowledge bit. Then, the bus master sends another start condition, and repeats the
device select code,with the RW bit set to 1. The device acknowledges this, and outputs the contents of the CDA
register. See in Section 5.5 Device addressing (Table 5, Table 6 and Table 7) how to address the configurable
device address register.
To terminate the stream of data byte, the bus master must not acknowledge the byte, and must generate a stop
condition, as shown in Figure 15.
After the successful completion of a read configurable device address, the device internal address counter is
not incremented by one, to point to the next byte address. Reading more than one byte loops on reading the
configurable device address register value.
The configurable device address register cannot be read while a write cycle (tW) is ongoing.
The configurable device address bits (C2, C1, C0) values can be checked by sending the device select code.
•
If the chip enable address bit 3, bit 2, bit 1 sent in the device select code is matching with the C2, C1 and
C0 values, the device sends an ACK
•
Otherwise, device will answer no ACK
Figure 15. Random read on configuration device address register
Dev sel
Byte addr
Byte addr
Data out
ACK
RW
ACK
ACK
NO ACK
RW
ACK
Dev sel
* The seven most significant bits of the first device select code of a random read must be identical to the seven
most significant bits of the second device select code
M24256E-F
Read operations on configurable device address register
DS12687 - Rev 3
page 23/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com