Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-FDW6TP Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 17Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 18Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 19Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 20Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 21Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 22Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 23Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 24Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
6.5
Read identification page
Following a start condition the bus master sends a device select code with the RW bit (RW) set to '0'. The device
acknowledges this and waits for the address bytes where the identification page is located. The device responds
to each address byte with an acknowledge bit. The bits A6/A0 define the byte address inside the identification
page. Then, the bus master sends another start condition, and repeats the same device select code but with
the RW bit set to '1'. The device acknowledges this, and outputs the contents of the identification page. See in
Section 5.5 Device addressing (Table 5, Table 6 and Table 7) how to address identification page.
The number of bytes to read in the ID page must not exceed the page boundary (e.g.: when reading the
identification page from location 10d, the number of bytes should be less than or equal to 54, as the ID page
boundary is 64 bytes). After the 64th byte of the identification page, there is no “roll-over” to the beginning of the
page. To terminate the stream of data byte, the bus master must not acknowledge the byte, and must generate a
stop condition, as shown in Figure 15.
Figure 12. Random read identification page
Dev sel *
Byte addr
Byte addr
Data out N
Random
Address
Read
Dev sel *
Data out
Dev sel *
Byte addr
Byte addr
Sequential
Random
Read
Dev sel *
Data out1
ACK
RW
ACK
ACK
ACK
RW
NO ACK
ACK
ACK
ACK
RW
ACK
ACK
RW
ACK
NO ACK
*: The seven most significant bits of the device select code of a random read must be identical.
M24256E-F
Read identification page
DS12687 - Rev 3
page 21/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com