Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-FDW6TP Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 23Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 24Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 25Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 26Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 27Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 28Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 29Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 30Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Table 12. Cycling performance by groups of four bytes
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle endurance(1)
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4 000 000
Write cycles(2)
TA = 85°C, VCC(min) < VCC < VCC(max)
1 200 000
1. The write cycle endurance is defined by characterization and qualification. For devices embedding the ECC functionality, the
write cycle endurance is defined for group of four bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3] where N is an
integer.
2. A write cycle is executed when either a write CDA register, a page write, a byte write , a write identification page or a lock
identification page instruction is decoded. When using the byte write, the page write or the write identification page, refer
also to Section 6.1.3 ECC (error correction code) and write cycling.
Table 13. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention (1)
TA = 55 °C
200
Year
1. The data retention behaviour is checked in production, while the data retention limit defined in this table is extracted from
characterization and qualification results.
M24256E-F
DC and AC parameters
DS12687 - Rev 3
page 27/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com