Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7293 Datasheet HTML 36Page - Analog Devices AD7293 Datasheet HTML 37Page - Analog Devices AD7293 Datasheet HTML 38Page - Analog Devices AD7293 Datasheet HTML 39Page - Analog Devices AD7293 Datasheet HTML 40Page - Analog Devices AD7293 Datasheet HTML 41Page - Analog Devices AD7293 Datasheet HTML 42Page - Analog Devices AD7293 Datasheet HTML 43Page - Analog Devices AD7293 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 40 of 79
Bit Number(s)
Bit Name
Description
D3
TSENSE diode check
0: external check on (default)
1: external check off
D2
Limit control
0: alert control over software limit feature (default)
1: alert and error amplifier control over software limit feature
D1
ALERT0 clamp
0: no control (default)
1: ALERT0 routed internally to clamp bipolar DACs
D0
Reserved
Reserved
Table 36. Voltage Input (VINx) Range 0 Voltage Input Range Register (Register 0x15)
Bit Number(s)
Bit Name
Description1, 2
[D15:D4]
Reserved
Reserved
D3
VIN3 Range 0
Used in conjunction with VIN3 Range 1 bit (see Table 37) to specify the input range of VIN3
D2
VIN2 Range 0
Used in conjunction with VIN2 Range 1 bit (see Table 37) to specify the input range of VIN2
D1
VIN1 Range 0
Used in conjunction with VIN1 Range 1 bit (see Table 37) to specify the input range of VIN1
D0
VIN0 Range 0
Used in conjunction with VIN0 Range 1 bit (see Table 37) to specify the input range of VIN0
1
REFADC = 1.25 V.
2
See Table 38 for bit descriptions.
Table 37. VINx Range 1 Voltage Input Range Register (Register 0x16)
Bit Number(s)
Bit Name
Description1, 2
[D15:D4]
Reserved
Reserved
D3
VIN3 Range 1
Used in conjunction with VIN3 Range 0 bit (see Table 36) to specify the input range of VIN3
D2
VIN2 Range 1
Used in conjunction with VIN2 Range 0 bit (see Table 36) to specify the input range of VIN2
D1
VIN1 Range 1
Used in conjunction with VIN1 Range 0 bit (see Table 36) to specify the input range of VIN1
D0
VIN0 Range 1
Used in conjunction with VIN0 Range 0 bit (see Table 36) to specify the input range of VIN0
1
REFADC = 1.25 V.
2
See Table 38 for bit descriptions.
Table 38. VINx Range 1 and VIN Range 0 Bit Descriptions
VIN Range 0, VINx1 Range Bit
VIN Range 1, VINx1 Range Bit
VINx1 Input Range Bit
0
0
4 × REFADC (default)
0
1
2 × REFADC
1
0
2 × REFADC
1
1
REFADC
1
x = 3, 2, 1, or 0.
Table 39. VINx Differential/Single-Ended Enable Register (Register 0x17)
Bit Number(s)
Bit Name
Description
[D15:D10]
Reserved
Reserved
D9
VIN2_VIN3_PDIFF
VIN2 and VIN3 pseudo differential mode
0: disable (default)
1: enable
D8
VIN0_VIN1_PDIFF
VIN0 and VIN1 pseudo differential mode
0: disable (default)
1: enable
[D7:D2]
Reserved
Reserved
D1
VIN2_VIN3_DIFF
VIN2 and VIN3 differential mode
0: disable (default)
1: enable
D0
VIN0_VIN1_DIFF
VIN0 and VIN1 differential mode
0: disable (default)
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com